Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCS75US13-CA Datasheet(PDF) 1 Page - XP Power Limited

Part # BCS75US13-CA
Description  DC Standby System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

BCS75US13-CA Datasheet(HTML) 1 Page - XP Power Limited

  BCS75US13-CA Datasheet HTML 1Page - XP Power Limited BCS75US13-CA Datasheet HTML 2Page - XP Power Limited BCS75US13-CA Datasheet HTML 3Page - XP Power Limited BCS75US13-CA Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
75/100/155 Watts
DC Standby System
Battery Charging Output
Optional 5 V, 3 A Supply
Low Battery Disconnect
AC OK and Battery Low Alarms
Battery Overload & Reverse Polarity Protection
3 Year Warranty
BCS Series
Input
Input Voltage
• 90-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz
Input Current
• 75 W: 1.5/1.0 A max 115/230 VAC
100 W: 2.0/1.2 A max 115/230 VAC
155 W: 2.5/1.5 A max 115/230 VAC
Inrush Current
• 75/100 W 70 A max/230 VAC cold start 25 °C,
155 W 80 A max/230 VAC cold start 25 °C
Earth Leakage Current
• <1 mA at 264 VAC, 60 Hz
Power Factor
• Meets EN61000-3-2, class A
Input Protection
• Internal 4.0 A (155 W: 5.0 A) 250 V fuse,
fitted in line
Output
Output Voltage
• See tables
Output Voltage Trim
• ±10% on output 1. Output 2 tracks by
same percentage
Initial Set Accuracy
• ±1.0%
Minimum Load
• None
Start Up Delay
• 75/100 W: 800 ms O/P 1 & 3, 3.5 s O/P 2,
155 W: 4 s O/P 1 & 3, 6.2 s O/P 2
Start Up Rise Time
• 30 ms max
Hold Up Time
• 8 ms min at 115 VAC
Line Regulation
• ±0.5% max
Load Regulation
• Output 1 & 2: ±0.5%, Output 3: ±1.5%
(where fitted)
Over/Undershoot
• 5% max at turn on
Transient Response
• 4% max. deviation, recovery to less than
1% within 500 µs for step load change of
25%
Ripple & Noise
• Output 1: 1% pk-pk, Output 2: 150 mV
pk-pk, Output 3: 100 mV pk-pk (where
fitted), 20 MHz bandwidth
Overvoltage Protection
• 115-150% on output 1 only, recycle mains
to reset
Overload Protection
• Output 1: >110% of total rated power
Output 2: 100-115% of max current
Output 3: >3.3 A (where fitted)
An overload on any output will affect the
voltage regulation of all outputs
Batt. Low Voltage
• Internal battery relay opens at 10 V±4%
Protection
for 13 V versions and 20 V±5% for 27 V
versions
Short Circuit Protection
• On all outputs, trip and restart, auto recovery
Temp. Coefficient
• 0.03%/°C
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 75 W: 40-76 kHz at full load typical
100 W: 28-60 kHz at full load typical
155 W: PFC 100 kHz, PWM 30-47 kHz at
25-100% load typical
Power Density
• 75 W: 3.4 W/In3,100 W: 4.5 W/In3,
155 W: 3.8 W/In3
Signals
• AC OK and BAT LOW signals,
see applications note
MTBF
• 130 kHrs typical to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C. Refer to derating curves
Cooling
• 75 & 100 W: Convection-cooled,
155 W: Internal fan
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 2000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 10 Hz to 500 Hz, 10 min/cycle for
60 mins on each axis
EMC & Safety
Emissions
• EN55022, Level B conducted and radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL60950-1


Similar Part No. - BCS75US13-CA

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
BCS7600 SYNERGY-BCS7600 Datasheet
365Kb / 2P
   2-WAY BRIDGE COMBINER / SPLITTER
More results

Similar Description - BCS75US13-CA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385 Datasheet
672Kb / 15P
   8MHz Power System Module with LDO Standby Mode
logo
New Japan Radio
NJM2344 NJRC-NJM2344 Datasheet
156Kb / 9P
   PWM DC/DC Converter IC with Standby Function
NJM2345 NJRC-NJM2345 Datasheet
144Kb / 8P
   PWM DC/DC Converter IC with Standby Function
logo
STMicroelectronics
AN1134 STMICROELECTRONICS-AN1134 Datasheet
198Kb / 9P
   45W AC-DC ADAPTER WITH STANDBY FUNCTION
logo
NXP Semiconductors
UJA1163A NXP-UJA1163A Datasheet
478Kb / 32P
   Mini high-speed CAN system basis chip with Standby mode
Rev. 1 ??23 August 2019
UJA1163 NXP-UJA1163 Datasheet
543Kb / 28P
   Mini high-speed CAN system basis chip with Standby mode
Rev. 1-1 October 2013
UJA1164A NXP-UJA1164A Datasheet
677Kb / 57P
   Mini high-speed CAN system basis chip with Standby mode & watchdog
Rev. 1 ??23 August 2019
UJA1164 NXP-UJA1164 Datasheet
848Kb / 52P
   Mini high-speed CAN system basis chip with Standby mode & watchdog
Rev. 1-5 August 2013
logo
Infineon Technologies A...
TLE9561-3QX INFINEON-TLE9561-3QX Datasheet
7Mb / 279P
   DC Motor System IC
Rev. 1.0 2021-01-21
logo
Keysight Technologies
N5700 KEYSIGHT-N5700 Datasheet
951Kb / 16P
   System DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com