Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHM85PS19C2 Datasheet(PDF) 6 Page - XP Power Limited

Part # AHM85PS19C2
Description  Energy Efficiency Level V, CEC2008 AND EISA 2007
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AHM85PS19C2 Datasheet(HTML) 6 Page - XP Power Limited

  AHM85PS19C2 Datasheet HTML 1Page - XP Power Limited AHM85PS19C2 Datasheet HTML 2Page - XP Power Limited AHM85PS19C2 Datasheet HTML 3Page - XP Power Limited AHM85PS19C2 Datasheet HTML 4Page - XP Power Limited AHM85PS19C2 Datasheet HTML 5Page - XP Power Limited AHM85PS19C2 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
28-Oct-13
Mechanical Details
Derating Curve
Notes
1. For optional input connector retention clip, add suffix ‘-A’ to the model number e.g. AHM250PS24T-A.
2. For 6 pin DIN connector, remove ‘T’ from the end of the model number e.g. AHM250PS24 (DIN connector for medical applications only).
IEC 320-C14
IEC 320-C14
8.8 (223.0)
35.43 (900.0)
0.79 (Ø 20.0)
1.417 (36.0)
8.58 (218.0)
Optional 6 pin DIN connector shown
(for medical applications only)
Standard Molex 6 pin Connector
0.2 (5.0)
1.457 (37.0)
0.063 (1.60)
Shell
7.41 (188.40)
2.37 (60.20)
1.97 (50.20)
5.12 (130.20)
0.79 (Ø 20.0)
4.134 (105.0)
1.417 (36.0)
1
2
3
6
4
5
3.484
(88.50)
1
2
3
6
4
5
1. Dimensions shown in inches (mm). Tolerance is 0.02
(0.5) maximum, except output cable length.
2. Weight 2.2 lbs (1000 g).
Notes
Dimensions shown in inches (mm).
Output Power
Output Voltage
Output Current
Model Number(2)
210 W
12.0 VDC
17.50 A
AHM250PS12T
220 W
15.0 VDC
14.66 A
AHM250PS15T
240 W
19.0 VDC
12.63 A
AHM250PS19T
250 W
24.0 VDC
10.41 A
AHM250PS24T
250 W
48.0 VDC
5.21 A
AHM250PS48T
40
50
80
60
70
90
100
80
85
90
100
110
240
250
264
AHM85,100,150 & 180 Models
AHM250 Models
AHM250
Models and Ratings
Optional Input Connector Retention (-A)
1.40 (35.7)
* Functional earth.
OUTPUT CONNECTOR
Pin No.
Molex Part
No.: 50-36-1672
DIN Part
No.: DIN45322
Pin 1
Return
Output +
Pin 2
Return
Return
Pin 3
Return
Return
Pin 4
Output +
Return
Pin 5
Output +
Output +
Pin 6
Ouput +
Ouput +
Outer Shell
GND*


Similar Part No. - AHM85PS19C2

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AHM85PS19C2 XPPOWER-AHM85PS19C2 Datasheet
5Mb / 40P
   IP22 Environmental Rating
More results

Similar Description - AHM85PS19C2

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEP08US05 XPPOWER-VEP08US05 Datasheet
508Kb / 4P
   Efficiency Efficiency Level V (24 W Level IV), CEC2008 & EISA 2007 Compliant
VEH90PS12 XPPOWER-VEH90PS12 Datasheet
466Kb / 2P
   Energy Efficiency Level V, CEC 2008 & EISA 2007 Compliant
VEH60US12 XPPOWER-VEH60US12 Datasheet
365Kb / 2P
   Energy Efficiency Level V, ??5 V, CEC 2008 & EISA 2007 Compliant
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
   Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
   Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
   Energy Efficiency Level V
logo
XP Power Limited
AFM XPPOWER-AFM Datasheet
363Kb / 2P
   Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
   Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
   Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
   Energy Efficiency Level V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com