Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEL60US48-L6 Datasheet(PDF) 1 Page - XP Power Limited

Part # AEL60US48-L6
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEL60US48-L6 Datasheet(HTML) 1 Page - XP Power Limited

  AEL60US48-L6 Datasheet HTML 1Page - XP Power Limited AEL60US48-L6 Datasheet HTML 2Page - XP Power Limited AEL60US48-L6 Datasheet HTML 3Page - XP Power Limited AEL60US48-L6 Datasheet HTML 4Page - XP Power Limited AEL60US48-L6 Datasheet HTML 5Page - XP Power Limited AEL60US48-L6 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AEL15-80-L6 Series
AC-DC Power Supplies
• Energy Efficiency Level VI
• Limited Power Source Approval
• China Compulsory Certification (CCC) Qualified
• +60 °C Operating Temperature
• Compact Dimensions
• 3 Year Warranty
15-80 Watts
Dimensions:
AEL15: 3.58 x 1.50 x 1.42” (91.0 x 38.0 x 36.0 mm)
AEL20: 3.90 x 1.65 x 1.22” (99.0 x 42.0 x 31.0 mm)
AEL40: 4.65 x 2.05 x 1.36” (118.0 x 52.0 x 34.5 mm)
AEL60: 4.65 x 2.05 x 1.36” (118.0 x 52.0 x 34.5 mm)
AEL80: 5.75 x 1.69 x 2.99” (146.0 x 76.0 x 43.0 mm)
www.xppower.com
1
Models & Ratings
Notes
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.4
A
AEL15/20, Measured at 115/230 VAC
0.9
AEL40, Measured at 115/230 VAC
1.6
AEL60, Measured at 115/230 VAC
1.1
AEL80, Measured at 115/230 VAC
Inrush Current
15/30
A
AEL15/20, Measured at 115/230 VAC, cold start at 25 °C
50/100
AEL40, Measured at 115/230 VAC, cold start at 25 °C
35/70
AEL60, Measured at 115/230 VAC, cold start at 25 °C
45/92
AEL80, Measured at 115/230 VAC, cold start at 25 °C
Earth Leakage Current
0.75
mA
Measured at 240 VAC
Power Factor
EN61000-3-2 Class A
No Load Input Power
0.1
W
For AEL15, 20 & 40, 0.21 for AEL60 & 80
Input Protection
Internal fuse in line, AEL15020: T1 A, 250 V, AEL40: T2 A, 250 V, AEL60/80: T3.15 A, 250 V
Output Power
Output Voltage(3)
Output Current
Total Regulation(2)
Efficiency(4)
Model Number(1,6)
12 W
5.0 VDC
2.40 A
7%
82%
AEL15US05L6
15 W
12.0 VDC
1.25 A
5%
85%
AEL15US12L6
24.0 VDC
0.62 A
5%
84%
AEL15US24L6
48.0 VDC
0.31 A
3%
86%
AEL15US48L6
15 W
5.0 VDC
3.00 A
5%
79%
AEL20US05-L6
20 W
12.0 VDC
1.67 A
4%
86%
AEL20US12-L6
24.0 VDC
0.83 A
3%
87%
AEL20US24-L6
48.0 VDC
0.42 A
3%
88%
AEL20US48-L6
25 W
5.0 VDC
5.00 A
7%
79%
AEL40US05-L6
40 W
12.0 VDC
3.33 A
5%
87%
AEL40US12-L6
24.0 VDC
1.67 A
3%
88%
AEL40US24-L6
48.0 VDC
0.83 A
3%
89%
AEL40US48-L6
57 W
12.0 VDC
4.75 A
5%
87%
AEL60US12-L6
63 W
24.0 VDC
2.63 A
5%
88%
AEL60US24-L6
48.0 VDC
1.31 A
3%
90%
AEL60US48-L6
80 W
12.0 VDC
6.66 A
5%
85%
AEL80US12-L6
24.0 VDC
3.33 A
5%
87%
AEL80US24-L6
48.0 VDC
1.66 A
5%
88%
AEL80US48-L6
1. Standard input connector is IEC320-C14 Inlet. For optional IEC320-C6 Inlet,
add suffix “C6” to model number e.g. AEL15US12L6C6.
2. Total regulation includes line regulation and load regulation.
3. Other output voltages available, contact sales for details.
4. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.


Similar Part No. - AEL60US48-L6

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL60US48 XPPOWER-AEL60US48 Datasheet
197Kb / 8P
   AC-DC Power Supplies
More results

Similar Description - AEL60US48-L6

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com