Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSGM150100 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SSGM150100
Description  2 to 10 Circuits-designed Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM150100 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSGM150100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM150100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
183
183
Soldering time
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
C
Time (s)
20 max.
E max.
Pre-heating
D max.
F
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's
temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc. The above-stated
conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Notes
SSGM
F(s)
Series(Reflow type)
250
240
----
----
150
180
A(℃)
3s max.
B(℃)
C(℃)
D(s)
E(s)
Dip soldering
Soldering temperature
Duration of immersion
Preheating temperature
Preheating time
350±5℃
120℃ max.
90s max.
5s max.
270±5℃
10±1s max.
Soldering temperature
Items
Reference for Hand Soldering Condition
Reference for Dip Soldering Condition
(For insertion terminal types)
Dual In-line Package Type Switches Soldering Conditions


Similar Part No. - SSGM150100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM150100 ALPS-SSGM150100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
More results

Similar Description - SSGM150100

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0927-T-2-R PUIAUDIO-SMT-0927-T-2-R Datasheet
467Kb / 3P
   Top_firing electromechanical transducer designed for 2 to 4 Vp-p
logo
List of Unclassifed Man...
SMJE-2V12W1P3 ETC2-SMJE-2V12W1P3 Datasheet
649Kb / 17P
   Arich 2 series designed for...
SMJE-3V12W1P3 ETC2-SMJE-3V12W1P3 Datasheet
634Kb / 17P
   Acrich 2 series designed for...
logo
Molex Electronics Ltd.
0495181092 MOLEX6-0495181092 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Red
0495181090 MOLEX6-0495181090 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Natural
logo
List of Unclassifed Man...
SLD2083CZ ETC1-SLD2083CZ Datasheet
129Kb / 5P
   10 Watt high performance LDMOS transistor designed for operation to 2700MHz
logo
PUI audio inc.
SMT-0540-T-2-R PUIAUDIO-SMT-0540-T-2-R Datasheet
559Kb / 3P
   Top-firing electromechaical transducer designed for 2 to 4 Vp-p
logo
Molex Electronics Ltd.
5051521000 MOLEX1-5051521000_17 Datasheet
38Kb / 1P
   DuraClik Wire-to-Board 2-Way Terminal Position Assurance (TPA) Retainer, 10 Circuits
logo
PUI audio inc.
SMT-0927-S-4-R PUIAUDIO-SMT-0927-S-4-R Datasheet
410Kb / 3P
   Side-firing electromechanical transducer designed for 2 to 4 Vp-p
logo
Emerson Network Power
BXA30 EMERSON-NETWORKPOWER-BXA30 Datasheet
343Kb / 5P
   Designed to meet telecom power supply interface standard ETS300-132-2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com