Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72V32300GU-75-D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYS72V32300GU-75-D
Description  3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V32300GU-75-D Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYS72V32300GU-75-D Datasheet HTML 1Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 2Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 3Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 4Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 5Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 6Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 7Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 8Page - Infineon Technologies AG HYS72V32300GU-75-D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HYS 64/72V32300GU
SDRAM-Modules
INFINEON Technologies
4
9.01
Block Diagram: 32M x 64/72 One Bank SDRAM DIMM Modules
DQ0-DQ7
DQM
WE
D0
CS0
WE
DQ(7:0)
DQMB0
DQ0-DQ7
DQ(39:32)
DQMB4
DQM
D4
DQ0-DQ7
DQ(15:8)
DQMB1
DQM
D1
CS
DQ0-DQ7
DQ(47:40)
DQMB5
DQM
D5
DQ0-DQ7
CB(7:0)
DQM
CS
D8
DQ0-DQ7
DQ0-DQ7
DQ(31:24)
DQMB3
DQ(23:16)
DQMB2
DQM
DQM
CS2
CS
CS
CS
D3
D2
DQMB7
DQ(63:56)
DQMB6
DQ(55:48)
CS
D7
D6
DQ0-DQ7
DQM
DQ0-DQ7
DQM
A0-A12, BA0, BA1
D0-D7, (D8)
CC
V
SS
V
C0-C15, (C16, C17)
D0-D7, (D8)
RAS
D0-D7, (D8)
D0-D7, (D8)
CAS
Clock Wiring
16 M x 64
16 M x 72
CLK0
4 SDRAM+ 3.3 pF
5 SDRAM
Termination
Termination
CLK1
4 SDRAM+ 3.3 pF
4 SDRAM+ 3.3 pF
CLK2
CLK3
47 k
SCL
SCL
2
SA0
SA1
SA2
E PROM (256 word x 8 Bit)
SA1
SA0
SA2
SDA
WP
CS
CS
WE
WE
WE
WE
CS
WE
WE
WE
WE
D0-D7, (D8)
CKE0
D0-D7, (D8)
Termination
Termination
Note: D8 is only used in the x72 ECC version and
all resistor values are 10 Ohm except
otherwise noted.
BL013


Similar Part No. - HYS72V32300GU-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72V32300GR-7-D INFINEON-HYS72V32300GR-7-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V32300GR-75-C2 INFINEON-HYS72V32300GR-75-C2 Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
HYS72V32300GR-75-D INFINEON-HYS72V32300GR-75-D Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
More results

Similar Description - HYS72V32300GU-75-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V64220GU INFINEON-HYS64V64220GU Datasheet
274Kb / 15P
   3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V436616R24VL MOSEL-V436616R24VL Datasheet
314Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V4374128C24V MOSEL-V4374128C24V Datasheet
334Kb / 13P
   1GB 168-PIN REGISTERED PLL ECC SDRAM DIMM 3.3 VOLT 128M x 72
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com