Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T64020GDL Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS64T64020GDL
Description  200-Pin Small Outline Dual-In-Line Memory Module
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T64020GDL Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS64T64020GDL Datasheet HTML 4Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 5Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 6Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 7Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 8Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 9Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 10Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 11Page - Infineon Technologies AG HYS64T64020GDL Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
HYS64T[32000/64020/128021][G/H]DL–[3.7/5]–A
512 Mbit DDR2 SDRAM
Overview
Data Sheet
8
Rev. 0.91, 2004-06
09122003-FTXN-KM26
1.3
Pin Configuration
The pin configuration of the Small Outline DDR2 SDRAM DIMM is listed by function in Table 5 (200 pins). The
abbreviations used in columns Pin and Buffer Type are explained in Table 6 and Table 7 respectively. The pin
numbering is depicted in Figure 1
Table 4
Components on Modules
1)
1) For a detailed description of all functionalities of the DRAM components on these modules see the component data sheet.
Product Type
DRAM Components
DRAM Density
DRAM Organisation
HYS64T32000GDL
HYB18T512160AC
512 Mbit
32M
×16
HYS64T64020GDL
HYS64T32000HDL
2)
HYB18T512160AF
2)
2) Green Product
512 Mbit
32M
×16
HYS64T64020HDL
2)
HYS64T128021GDL
HYB18T512800AC
512 Mbit
64M
×8
HYS64T128021HDL
2)
HYB18T512800AF
2)
512 Mbit
64M
×8
Table 5
Pin Configuration of SO-DIMM
Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
30
CK0
I
SSTL
Clock Signals 2:0
164
CK1
I
SSTL
32
CK0
ISSTL
Complement Clock Signals 2:0
166
CK1
ISSTL
79
CKE0
I
SSTL
Clock Enable Rank 0
80
CKE1
I
SSTL
Clock Enable Rank 1
Note: 2-rank module
NC
NC
Note: 1-rank module
Control Signals
110
S0
ISSTL
Chip Select Rank 0
115
S1
ISSTL
Chip Select Rank 1
Note: 2-rank module
NC
NC
Note: 1-rank module
108
RAS
ISSTL
Row Address Strobe
113
CAS
ISSTL
Column Address Strobe
109
WE
ISSTL
Write Enable
Address Signals
107
BA0
I
SSTL
Bank Address Bus 1:0
106
BA1
I
SSTL
102
A0
I
SSTL
Address Bus 4:0
101
A1
I
SSTL
100
A2
I
SSTL
99
A3
I
SSTL
98
A4
I
SSTL


Similar Part No. - HYS64T64020GDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T64020EDL QIMONDA-HYS64T64020EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-2.5-B2 QIMONDA-HYS64T64020EDL-2.5-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-2.5-B2 QIMONDA-HYS64T64020EDL-2.5-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-25F-B2 QIMONDA-HYS64T64020EDL-25F-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T64020EDL-25F-B2 QIMONDA-HYS64T64020EDL-25F-B2 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T64020GDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com