Electronic Components Datasheet Search |
|
AEB45US48 Datasheet(PDF) 1 Page - XP Power Limited |
|
AEB45US48 Datasheet(HTML) 1 Page - XP Power Limited |
1 / 4 page Specification 36 100 Watts • CEC2008 & EISA2007 Compliant • Low Profile • Single Outputs from 5 V to 48 V • High Power Density • Universal Input • China Compulsory Certification (CCC) Qualified • 3 Year Warranty AEB Series Input Input Voltage • 90-264 VAC Input Frequency • 47-63 Hz Input Current • AEB36: 1.00 A max AEB45: 1.20 A max AEB70: 1.50 A max AEB100: 1.85 A max Inrush Current • AEB36: 60 A max at 240 VAC AEB45: 70 A max at 240 VAC AEB70: 80 A max at 240 VAC AEB100: 120 A max at 240 VAC Power Factor • EN61000-3-2, class A Earth Leakage Current • <3.5 mA (AEB45/70/100) Input Protection • Fitted with an internal fuse AEB36 T1A/250 VAC, AEB45/70/100 T2A/250 VAC No Load Input Power • <0.5 W Output Output Voltage • See tables Initial Set Accuracy • ±2%, set at 60% load Minimum Load • No minimum load required Start Up Delay • 3 s max Start Up Rise Time • 20 ms Hold Up Time • AEB36/45/70: 8 ms at 115 VAC AEB100: 20 ms at 115 VAC Drift • ±0.05% Line Regulation • ±1% Load Regulation • See tables Ripple & Noise • 1% pk-pk max, 20 MHz bandwidth, (see note 2) Transient Response • 5% max deviation, recovery to within 1% in 500 µs for a 25% load change Overvoltage Protection • Typical 125% max, latching Overload Protection • Trip & restart mode (hiccup mode) Short Circuit Protection • Continuous Temperature • ±0.04%/°C Coefficient xppower.com General Efficiency • See tables Energy Efficiency • AEB70: Level V All other models: Level IV Isolation • AEB36: 3000 VAC Input to Output AEB45/70/100: 3000 VAC Input to Output, 1500 VAC Input to Ground. Negative output is connected to ground. For optional 500 VAC output to ground isolation add suffix ‘-F’ to model number Switching Frequency • AEB36: 60 kHz typical, AEB45: 100 kHz typical, AEB70: 65 kHz typical, AEB100: 80 kHz typical PFC converter 45 kHz typical main converter Power Density • AEB36: 5.34 W/in3, AEB45: 3.81 W/in3, AEB70: 4.92 W/in3, AEB100: 4.45 W/in3 MTBF • AEB36: >360 kHrs, AEB45: >300 kHrs, AEB70: >200 kHrs, AEB100: >150 kHrs to MIL-HDBK-217F at 25 °C, GB Environmental Operating Temperature • AEB36/45/70: 0 ˚C to +60 °C derate linearly from 100% load at +40 °C to 60%, load at +60 °C, AEB100: 0 °C to +60 °C derate linearly from 100% load at +40 °C to 50% load at +60 °C Storage Temperature • -20 °C to +85 °C Operating Humidity • 93% RH, non-condensing EMC & Safety Emissions • EN55022, Level B conducted & radiated Harmonic Currents • EN61000-3-2 Class A Voltage Flicker • EN61000-3-3 ESD Immunity • EN61000-4-2 Level 2 (contact) Perf Criteria A EN61000-4-2 Level 3 (air) Perf Criteria A Radiated Immunity • EN61000-4-3, 3 V/m Perf Criteria A EFT/Burst • EN61000-4-4, level 2 Perf Criteria A Surge • EN61000-4-5, installation class 3, Perf Criteria B Conducted Immunity • EN61000-4-6, Level 2 Perf Criteria A Magnetic Field • EN61000-4-8, 3 A/m Perf Criteria A Dips & Interruptions • EN61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms Perf Criteria A, B, B Safety Approvals • EN60950-1:2006+A11, UL/cUL60950-1, China Compulsory Certification (CCC) qualified (AEB36/70 only) |
Similar Part No. - AEB45US48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |