Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72V64220GU-7-D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYS72V64220GU-7-D
Description  3.3 V 64M x 64/72-Bit, 512MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72V64220GU-7-D Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYS72V64220GU-7-D Datasheet HTML 3Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 4Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 5Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 6Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 7Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 8Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 9Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 10Page - Infineon Technologies AG HYS72V64220GU-7-D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HYS 64/72V64220GU
SDRAM-Modules
INFINEON Technologies
7
9.01
AC Characteristics
1), 2)
T
A = 0 to 70 °C; VSS =0V; VDD =3.3 V ± 0.3 V, tT =1 ns
Parameter
Symbol
Limit Values
Unit Note
-7
PC133-222
-7.5
PC133-333
-8
PC100-222
min.
max
min.
max. min.
max.
Clock
Clock Cycle Time
CAS Latency = 3
CAS Latency = 2
t
CK
7.5
7.5
7.5
10
10
10
ns
ns
System Frequency
CAS Latency = 3
CAS Latency = 2
f
CK
133
133
133
100
100
100
MHz
MHz
Clock Access Time
CAS Latency = 3
CAS Latency = 2
t
AC
5.4
5.4
5.4
6
6
6
ns
ns
3), 4)
Clock High Pulse Width
t
CH
2.5
2.5
3
ns
4)
Clock Low Pulse Width
t
CL
2.5
2.5
3
ns
4)
Setup and Hold Times
Input Setup Time
t
CS
1.5
1.5
2
ns
5)
Input Hold Time
t
CH
0.8
0.8
1
ns
5)
Power Down Mode Entry Time
t
SB
1
1
1CLK
6)
Power Down Mode Exit Setup Time
t
PDE
1
1
1
CLK
7)
Mode Register Setup Time
t
RSC
2
2
2
CLK
Transition Time (rise and fall)
t
T
1
1
1
ns
Common Parameters
RAS to CAS Delay
t
RCD
15
20
20
ns
Precharge Time
t
RP
15
20
20
ns
Active Command Period
t
RAS
42
45
100k 50
100k ns
Cycle Time
t
RC
60
67.5
70
ns
Bank to Bank Delay Time
t
RRD
14
15
16
ns
CAS to CAS Delay Time (same bank)
t
CCD
1
1
1
CLK –


Similar Part No. - HYS72V64220GU-7-D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS72V64220GU-8 SIEMENS-HYS72V64220GU-8 Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results

Similar Description - HYS72V64220GU-7-D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V32300GU INFINEON-HYS64V32300GU Datasheet
266Kb / 16P
   3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
2001.09
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Infineon Technologies A...
HYS64V16302GU INFINEON-HYS64V16302GU Datasheet
223Kb / 13P
   3.3 V 16M 횞 64-Bit, 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules
2001.09
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Mosel Vitelic, Corp
V436616R24V MOSEL-V436616R24V Datasheet
296Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64
V436664Z24V MOSEL-V436664Z24V Datasheet
313Kb / 12P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M x 64 3.3 VOLT
V436616R24VL MOSEL-V436616R24VL Datasheet
314Kb / 12P
   128 MB 168-PIN UNBUFFERED DIMM 3.3 VOLT 16M x 64 LOW PROFILE
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V4374128C24V MOSEL-V4374128C24V Datasheet
334Kb / 13P
   1GB 168-PIN REGISTERED PLL ECC SDRAM DIMM 3.3 VOLT 128M x 72
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com