Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEB36US13 Datasheet(PDF) 4 Page - XP Power Limited

Part # AEB36US13
Description  36-100 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEB36US13 Datasheet(HTML) 4 Page - XP Power Limited

  AEB36US13 Datasheet HTML 1Page - XP Power Limited AEB36US13 Datasheet HTML 2Page - XP Power Limited AEB36US13 Datasheet HTML 3Page - XP Power Limited AEB36US13 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21-Jan-11
AEB70/100
Mechanical Details
5.90
(150.0)
1.38
(35.0)
2.76
(70.0)
IEC320-C14
0.47
(12.00)
Cable length: 48” ±2”
(1220 mm ±50 mm)
5.20
(132.0)
1.20
(30.5)
2.28
(58.0)
IEC320-C14
0.47
(12.00)
Cable length: 48” ±2”
(1220 mm ±50 mm)
5.20
(132.0)
1.20
(30.5)
2.28
(58.0)
IEC320-C14
0.47
(12.00)
Cable length: 48” ±2”
(1220 mm ±50 mm)
Notes
AEB70
1. All dimensions shown in inches (mm).
2. Weight: 0.76 lbs (345 g) approx.
3. Tolerance is ±0.02 (±0.5) maximum, except output cable length.
4. Output connector is 5.5 mm dia. outer barrel, inner dia. is 2.5 mm with a center + and outer shell - polarity.
5. Optional output connectors available, contact sales for details.
6. Length of mains lead: 76 inches (1930 mm) approx
1. All dimensions shown in inches (mm).
2. Weight: 1.36 lbs (600 g) approx.
3. Tolerance is ±0.02 (±0.5) maximum, except output cable length.
4. Output connector is 5.5 mm dia. outer barrel, inner dia. is 2.5 mm with a center + and outer shell - polarity.
5. Optional output connectors available, contact sales for details.
6. Length of mains lead: 76 inches (1930 mm) approx
Notes
Power Cord Order Part:
UK -
UK-MAINS-IEC
European -
EU-MAINS-IEC
US -
US-MAINS-IEC
AEB100
Power Cord Order Part:
UK -
UK-MAINS-IEC
European -
EU-MAINS-IEC
US -
US-MAINS-IEC


Similar Part No. - AEB36US13

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEB36US13 XPPOWER-AEB36US13 Datasheet
640Kb / 4P
   36-100Watts AEBSeries
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com