Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D64020GU-8-B Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64D64020GU-8-B
Description  184-Pin Unbuffered Dual-In-Line Memory Modules
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D64020GU-8-B Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64D64020GU-8-B Datasheet HTML 2Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 3Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 4Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 5Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 6Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 7Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 8Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 9Page - Infineon Technologies AG HYS64D64020GU-8-B Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Data Sheet
6
V1.1, 2003-07
184-Pin Unbuffered Dual-In-Line Memory Modules
UDIMM
HYS[64/72]D64x20GU-x-B
HYS[64/72]D32x00[G/E]U-x-B
HYS64D16301GU-x-B
1
Overview
1.1
Features
184-Pin Unbuffered Dual-In-Line Memory Modules (ECC and non-parity) for PC and Server main memory
applications
One rank 16M x 64, 32M
× 64, 32M × 72 and two ranks 64M × 64, 64M × 72 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM) Single +2.5V (
±0.2V) power supply
Built with 256 Mbit DDR SDRAM in P-TSOPII-66-1 package
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
JEDEC standard MO-206 form factor: 133.35 mm
× 31.75 mm × 4.00 mm max.
Jedec standard reference layout
Gold plated contacts
DDR400 Speed Grade supported
Lead- & halogene-free DIMM available
1.2
Description
The HYS[64/72]D64x20GU-x-B, HYS[64/72]D32x00[G/E]U-x-B, and HYS64D16301GU-x-B are industry standard
184-Pin Unbuffered Dual-In-Line Memory Modules (UDIMM) organized as 32M
× 64 and 64M × 64 for non-parity
and 32M
× 72 and 64M × 72 for ECC main memory applications. The memory array is designed with 256Mbit
Double Data Rate Synchronous DRAMs. A variety of decoupling capacitors are mounted on the printed
circuit board. The DIMMs feature serial presence detect (SPD) based on a serial E
2PROM device using the 2-pin
I
2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available
to the customer
Table 1
Performance
Part Number Speed Code
–5
–6
–7F
–7
–8Unit
Module Speed Grade
DDR400B
DDR333B
DDR266
DDR266A
DDR200
Component Module
PC3200
-3033
PC2700
-2533
PC2100
-2022
PC2100
-2033
PC1600
-2022
max. Clock
Frequency
@ CL = 3
f
CK3
200
166
––
–MHz
@ CL = 2.5
f
CK2.5
166
166
143
143
125
MHz
@ CL = 2
f
CK2
133
133
133
133
100
MHz


Similar Part No. - HYS64D64020GU-8-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GBDL-5-B INFINEON-HYS64D64020GBDL-5-B Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GBDL-5-C INFINEON-HYS64D64020GBDL-5-C Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020GBDL-5-C QIMONDA-HYS64D64020GBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D64020GBDL-6-B INFINEON-HYS64D64020GBDL-6-B Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
More results

Similar Description - HYS64D64020GU-8-B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com