Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64T32000HU-5-A Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64T32000HU-5-A
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64T32000HU-5-A Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64T32000HU-5-A Datasheet HTML 2Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 3Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 4Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 5Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 6Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 7Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 8Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 9Page - Infineon Technologies AG HYS64T32000HU-5-A Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
HYS[64T[3200/6400/12802]0/72T[6400/12802]0][G/H]U–[3.7/5]–A
512 Mbit DDR2 SDRAM
Overview
Data Sheet
6
Rev. 0.87, 2004-06
09122003-GZEK-H4J6
1Overview
This chapter gives an overview of the 1.8 V 240-pin Unbuffered DDR2 SDRAM Modules, 256 MByte, 512 MByte
& 1 GByte ECC and non-ECC Modules and describes its main characteristics.
1.1
Features
240-pin ECC and Non-ECC Unbuffered 8-Byte
Dual-In-Line
DDR2
SDRAM
Module
for
PC,
Workstation and Server main memory applications
One rank 32M x 64, 64M x 64, 64M x 72 and two
ranks 128M
× 64 and 128M x 72 organization
JEDEC standard Double Data Rate 2 Synchronous
DRAMs (DDR2 SDRAM) with a single + 1.8 V
(
± 0.1 V) power supply
256 ,512 MByte and 1GByte modules built with
512Mb DDR2 SDRAMs in 60-ball
(P–TFBGA–60)
and
84-ball
FBGA
(P–TFBGA–84)
chipsize
packages
Programmable CAS Latencies (3, 4 & 5), Burst
Length (8 & 4) and Burst Type
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_1.8 compatible
OCD (Off-Chip Driver Impedance Adjustment) and
ODT (On-Die Termination)
Serial Presence Detect with E
2PROM
Low Profile Modules form factor:
133.35 mm x 30,00 mm (MO-237)
Based on JEDEC standard reference card layouts
Raw Card “A”, “B” & “C”
1.2
Description
The
INFINEON
HYS[64/72]Txxxx0[G/H]U
module
family are low profile Unbuffered DIMM modules with
30,0 mm height based on DDR2 technology. DIMMs
are available as non-ECC modules in 32M x 64
(256MB), 64M x 64 (512MB) and 128M x 64 (1024MB)
and as ECC-modules in 64M x 72 (512MB) and 128M
x 72 (1024MB) organisation and density, intended for
mounting into 240 pin connector sockets.
The memory array is designed with 512Mb Double
Data Rate (DDR2) Synchronous DRAMs for ECC and
Non-ECC applications. Decoupling capacitors are
mounted on the PCB board. The DIMMs feature serial
presence detect based on a serial E
2PROM device
using the 2-pin I
2C protocol. The first 128 bytes are
programmed with configuration data and the second
128 bytes are available to the customer.
Table 1
Performance
Speed Grade Indicator
–5
–-3.7
Unit
Component Speed Grade
DDR2–400
DDR2–533
Module Speed Grade
PC2–3200
PC2–4200
Max. Clock Frequency @ CL = 3
200
200
MHz
Max. Clock Frequency @ CL = 4 & 5
200
266
MHz


Similar Part No. - HYS64T32000HU-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32000HU-5-A QIMONDA-HYS64T32000HU-5-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYS64T32000HU-5-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T32000HU-3-A QIMONDA-HYS64T32000HU-3-A Datasheet
4Mb / 76P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com