Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS72D64320HU-5-C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS72D64320HU-5-C
Description  184-Pin Unbuffered Double Data Rate SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS72D64320HU-5-C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS72D64320HU-5-C Datasheet HTML 2Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 3Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 4Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 5Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 6Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 7Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 8Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 9Page - Infineon Technologies AG HYS72D64320HU-5-C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Data Sheet
6
Rev. 1.0, 2004-03
184-Pin Unbuffered Double Data Rate SDRAM
UDIMM
HYS64D[16/32/64][300/301/320][G/H]U–5–C
HYS72D[32/64][300/301/320][G/H]U–5–C
HYS64D[16/32/64][300/301/320][G/H]U–6–C
HYS72D[32/64][300/301/320][G/H]U–6–C
1Overview
1.1
Features
184-Pin Unbuffered Double Data Rate SDRAM (ECC and non-parity) for PC and Server main memory
applications
One rank 16M x 64, 32M
× 64, 32M × 72 and two ranks 64M × 64, 64M × 72 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM) Single +2.5V (
±0.2V) power supply
and +2.6V (
±0.1V) ppower supply for DDR400
Built with 256 Mbit DDR SDRAM in P-TSOPII-66-1 package
Programmable
CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
JEDEC standard MO-206 form factor: 133.35 mm
× 31.75 mm × 4.00 mm max.
Jedec standard reference layout
Gold plated contacts
DDR400 Speed Grade supported
Lead-free
1.2
Description
The HYS64D[16/32/64][300/301/320][G/H]U–5–C, HYS72D[32/64][300/301/320][G/H]U–5–C,
HYS64D[16/32/64][300/301/320][G/H]U–6–C and HYS72D[32/64][300/301/320][G/H]U–6–C are industry
standard 184-Pin Unbuffered Double Data Rate SDRAM (UDIMM) organized as 16M
×64, 32M ×64 and 64M ×64
for non-parity and 32M
× 72 and 64M × 72 for ECC main memory applications. The memory array is designed
with 256Mbit Double Data Rate Synchronous DRAMs. A variety of decoupling capacitors are mounted on the
printed circuit board. The DIMMs feature serial presence detect (SPD) based on a serial E
2PROM device using
the 2-pin I
2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are
available to the customer
Table 1
Performance
Part Number Speed Code
–5
–6Unit
Module Speed Grade
DDR400B
DDR333B
Component Module
PC3200–3033
PC2700–2533
max. Clock Frequency
@ CL = 3
f
CK3
200
166
MHz
@ CL = 2.5
f
CK2.5
166
166
MHz
@ CL = 2
f
CK2
133
133
MHz


Similar Part No. - HYS72D64320HU-5-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D64320HU-5-C INFINEON-HYS72D64320HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
More results

Similar Description - HYS72D64320HU-5-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS72D256520GR INFINEON-HYS72D256520GR Datasheet
638Kb / 25P
   184 Pin Registered Double Data Rate SDRAM Modules
Rev. 1.02, Dec. 2003
logo
Qimonda AG
HYS72D64301HBR QIMONDA-HYS72D64301HBR_07 Datasheet
2Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D128300GBR INFINEON-HYS72D128300GBR Datasheet
1Mb / 45P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 0.5, Dec. 2003
logo
Qimonda AG
HYS72D32300 QIMONDA-HYS72D32300 Datasheet
2Mb / 50P
   184-Pin Registered Double Data Rate SDRAM Module
logo
Infineon Technologies A...
HYS72D32300GBR INFINEON-HYS72D32300GBR Datasheet
1Mb / 38P
   184-Pin Registered Double Data Rate SDRAM Module
Rev. 1.0, Mar. 2004
HYS72D32300GBR-5-B INFINEON-HYS72D32300GBR-5-B Datasheet
843Kb / 48P
   184 - Pin Registered Double Data Rate SDRAM Modules
Rev. 1.1, Apr. 2004
logo
Qimonda AG
HYS72D64301 QIMONDA-HYS72D64301 Datasheet
2Mb / 51P
   184 - Pin Registered Double-Data-Rate SDRAM Module
HYS72D64301HBR-5-C QIMONDA-HYS72D64301HBR-5-C Datasheet
1Mb / 39P
   184-Pin Registered Double-Data-Rate SDRAM Module
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com