Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D128020GU-7-A Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS64D128020GU-7-A
Description  2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D128020GU-7-A Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS64D128020GU-7-A Datasheet HTML 4Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 5Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 6Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 7Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 8Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 9Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 10Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 11Page - Infineon Technologies AG HYS64D128020GU-7-A Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HYS64/72D64000/128x20GU-7/8-A
Unbuffered DDR-I SDRAM-Modules
INFINEON Technologies
8
2002-09-10 (rev.0.81)
Block Diagram: Two Bank 128M x 72 DDR-I SDRAM DIMM Modules
HYS72D128020GU using x8 Organized SDRAMs
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 7
I/O 6
I/O 1
I/O 0
D0
DM0/DQS9
DM
D9
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
I/O 7
I/O 6
I/O 1
I/O 0
D1
DM
D10
I/O 5
I/O 4
I/O 3
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
DM1/DQS10
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
I/O 7
I/O 6
I/O 1
I/O 0
D2
DM
D11
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM2/DQS11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
D3
DM
D12
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM3/DQS12
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
I/O 7
I/O 6
I/O 1
I/O 0
D4
DM4/DQS13
DM
D13
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
I/O 7
I/O 6
I/O 1
I/O 0
D5
DM
D14
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM5/DQS14
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
I/O 7
I/O 6
I/O 1
I/O 0
D6
DM
D15
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
I/O 7
I/O 6
I/O 1
I/O 0
D7
DM
D16
I/O 5
I/O 4
I/O 3
I/O 2
I/O 0
I/O 1
I/O 6
I/O 7
I/O 2
I/O 3
I/O 4
I/O 5
DM7/DQS16
A0 - A12
A0 - A12: SDRAMs D0 - D17
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
RAS
RAS:SDRAMs D0 - D17
CAS
CAS:SDRAMs D0 - D17
CKE0
CKE: SDRAMs D0 - D8
WE
WE:SDRAMs D0 - D17
S0
S1
CKE1
CKE: SDRAMs D9 - D17
BA0, BA1
BA0, BA1: SDRAMs D0 - D17
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS
DQS2
DQS
DQS
DQS3
DQS
DQS
DM6/DQS15
DQS6
DQS7
DQ15
I/O 2
I/O 5
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
*Clock Wiring
*CK0/CK0
Clock
Input
SDRAMs
*CK1/CK1
6 SDRAMs
6 SDRAMs
6 SDRAMs
* Wire per Clock Loading
Table/Wiring Diagrams
*CK2/CK2
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/S relationships must
be maintained as shown.
3. DQ,DQS,DM/DQS resistors: 22 Ohms.
4. VDDID strap connections
(for memory device VDD, VDDQ):
STRAP OUT (OPEN): VDD = VDDQ
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DM
D8
DM
DM8/DQS17
DQS8
DQS
DQS
VDD,
VSS
VDDQ
VREF
VDDID
D0 - D17
D0 - D17
D0 - D17
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 1
I/O 0
I/O 5
I/O 4
I/O 3
I/O 2
D17
CS
CS
CS
CS
CS
CS
CS
CS


Similar Part No. - HYS64D128020GU-7-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D128021GBDL-5-B INFINEON-HYS64D128021GBDL-5-B Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D128021GBDL-6-B INFINEON-HYS64D128021GBDL-6-B Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D128021HBDL-5-B INFINEON-HYS64D128021HBDL-5-B Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D128021HBDL-6-B INFINEON-HYS64D128021HBDL-6-B Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
More results

Similar Description - HYS64D128020GU-7-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32000GR-7-B INFINEON-HYS72D32000GR-7-B Datasheet
418Kb / 23P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-09-10 rev. 0.91
HYS72D128020GR-8-A INFINEON-HYS72D128020GR-8-A Datasheet
315Kb / 25P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-05-08 (revision 1.0)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D16000GU-7-A INFINEON-HYS64D16000GU-7-A Datasheet
881Kb / 30P
   Unbuffered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS64D16020GD INFINEON-HYS64D16020GD Datasheet
963Kb / 22P
   Unbuffered DDR SDRAM SO Modules
Rev. 1.02, Jan. 2004
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D16301GU INFINEON-HYS64D16301GU Datasheet
1Mb / 51P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.1, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com