Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBV141201 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBV141201
Description  8-position Low-profile Vertical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBV141201 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SRBV141201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBV141201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBV141201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBV141201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
156
156
Soldering time
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
  A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
D
E
C
Time (s)
F max.
Room
temperature
Pre-heating
1.The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the
PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Notes
300
200
100
A max.
B
C
Time (s)
25s max.
E max.
D max.
Pre-heating
F
Room
temperature
SRBQ
250
200
150±5
80 to 100
D(s)
Series(Reflow type)
A(℃)
3s max.
B(℃)
C(℃)
E(s)
F(s)
SRBD
F(s)
Series(Reflow type)
260
230
150
120
40
180
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
SRBQ(Reflow type)
SRBQ, SRBM, SRBV, SRRM, SRRN
3s max.
Soldering temperature Duration of immersion
Preheating time
Series
60s max.
3+1/0s
260±5℃
5s max.
260±5℃
10±1s
260±5℃
5±1s
350±5℃
350±10℃
Soldering temperature
Dip soldering
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types)
Rotary Switches Soldering Conditions
SRBQ
SRBV, SRRM, SRRN
SRBM
Series
Preheating temperature
100℃ max.
Items


Similar Part No. - SRBV141201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBV141201 ALPS-SRBV141201 Datasheet
191Kb / 5P
   8-position Low-profile Vertical Type
More results

Similar Description - SRBV141201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBV ALPS-SRBV Datasheet
191Kb / 5P
   8-position Low-profile Vertical Type
SRBQ ALPS-SRBQ_15 Datasheet
952Kb / 4P
   9-position Low-profile Vertical Type
SRBQ ALPS-SRBQ Datasheet
190Kb / 4P
   9-position Low-profile Vertical Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
   6-position Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
   6-position Vertical Type
logo
Molex Electronics Ltd.
0428788506 MOLEX1-0428788506_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 8/8
0428788410 MOLEX1-0428788410_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 8/8
0428788410 MOLEX5-0428788410 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8
0428788506 MOLEX5-0428788506 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8
logo
ITT Industries
E2001-10017 ITT-E2001-10017 Datasheet
77Kb / 1P
   ASSEMBLY, VERTICAL, 8 POSITION, PHD-TEMPUS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com