Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D32020GDL-6-C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYS64D32020GDL-6-C
Description  200-Pin Small Outline Dual-In-Line Memory Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D32020GDL-6-C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYS64D32020GDL-6-C Datasheet HTML 2Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 3Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 4Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 5Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 6Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 7Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 8Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 9Page - Infineon Technologies AG HYS64D32020GDL-6-C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
6
Rev. 1.0, 2004-03
200-Pin Small Outline Dual-In-Line Memory Modules
SO-DIMM
HYS64D32020[H/G]DL–5–C
HYS64D[32020/16000][H/G]DL–6–C
1Overview
1.1
Features
Non-parity 200-Pin Small Outline Dual-In-Line Memory Modules
One rank 16M
×64 and two ranks 32M ×64 organization
JEDEC standard Double Data Rate Synchronous DRAMs (DDR SDRAM)
•Single +2.5 V (
± 0.2 V) power supply
Built with 256 Mbit DDR SDRAMs organised as
×16 in P–TSOPII–66–1 packages
Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave)
Auto Refresh (CBR) and Self Refresh
All inputs and outputs SSTL_2 compatible
Serial Presence Detect with E
2PROM
Jedec standard form factor: 67.60 mm
× 31.75 mm × 2.4 / 3.80 mm
Jedec standard reference layout Raw Cards A and C
Gold plated contacts
Table 1
Performance
2
Description
The HYS64D32020[H/G]DL–5–C and HYS64D[32020/16000][H/G]DL–6–C are industry standard 200-Pin Small
Outline Dual-In-Line Memory Modules (SO-DIMMs) organized as 32M
× 64 and 16M × 64. The memory array is
designed with Double Data Rate Synchronous DRAMs (DDR SDRAM). A variety of decoupling capacitors are
mounted on the PC board. The DIMMs feature serial presence detect based on a serial E
2PROM device using the
2-pin I
2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are
available to the customer.
Part Number Speed Code
–5
–6Unit
Speed Grade
Component
DDR400B
DDR333B
Module
PC3200–3033
PC2700–2533
max. Clock Frequency
@CL3
f
CK3
200
166
MHz
@CL2.5
f
CK2.5
166
166
MHz
@CL2
f
CK2
133
133
MHz


Similar Part No. - HYS64D32020GDL-6-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32020GDL-6-C QIMONDA-HYS64D32020GDL-6-C Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
More results

Similar Description - HYS64D32020GDL-6-C

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com