Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBM150500 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBM150500
Description  6-position Horizontal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBM150500 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBM150500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBM150500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBM150500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBM150500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRBM150500 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
145
145
Pulse switching (20 pulses) model
available in same shape
6-position Horizontal Type
SRBM
SRBM1L1400
Japan
Export
Product Line
1
1
2
SRBM120700
SRBM121300
SRBM131300
SRBM131400
SRBM140700
SRBM140800
SRBM149501
SRBM150500
SRBM154002
SRBM160700
SRBM1L0800
Number
of wafers
2
3
4
5
6
20
pulses
Positions
30±3°
18±3°
Changeover
angle
2
1
Poles
Non shorting
Changeover
timing
18-tooth
serration
Flat
18-tooth
serration
Flat
18-tooth
serration
Flat
18-tooth
serration
Flat
Actuator
configuration
L=15
L=20
L=15
L=20
L=15
Actuator
length(mm)
1,200
1,600
1,200
1,600
1,600
200
150
200
150
200
Minimum order unit(pcs.)
Product No.
Drawing
No.
All the axis are die casting shafts.
Note
Typical Specifications
Items
Specifications
Rotary switch
Pulse switch
Rating(max.)/(min.)
(Resistive load)
0.1A 16V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
50mΩ max. / 150mΩ max.
Rotational torque
40±20 mN・m
15±7 mN・m
Operating life
Without load
10,000 cycles
30,000 cycles
With load
10,000 cycles(0.1A 16V DC)
Refer to P.147 for shaft configurations.
Refer to P.156 for soldering conditions.
Packing Specifications
Tray
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan 1 case /export packing
SRBM120700
SRBM121300
SRBM131300
SRBM140700
SRBM150500
SRBM154002
SRBM160700
SRBM1L0800
SRBM1L1400
200
1,600
400×270×290
SRBM131400
SRBM140800
SRBM149501
150
1,200


Similar Part No. - SRBM150500

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM150500 ALPS-SRBM150500 Datasheet
196Kb / 6P
   6-position Horizontal Type
More results

Similar Description - SRBM150500

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM ALPS-SRBM Datasheet
196Kb / 6P
   6-position Horizontal Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
   6-position Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
   6-position Vertical Type
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
   FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
Bel Fuse Inc.
937-SP-3066-OST BEL-937-SP-3066-OST Datasheet
177Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-OST BEL-937-SP-3066R-OST Datasheet
148Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R BEL-937-SP-3066R Datasheet
182Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-SL BEL-937-SP-3066R-SL Datasheet
175Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066 BEL-937-SP-3066 Datasheet
171Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066-OB BEL-937-SP-3066-OB Datasheet
173Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com