Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBM131300 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBM131300
Description  6-position Horizontal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBM131300 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SRBM131300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBM131300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBM131300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBM131300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SRBM131300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
147
147
SRBM/6-position Horizontal Type
The shaft shows the position in which it is turned fully counterclockwise.
Die Casting Shaft
18 tooth serration
L±0.5
C1
ø6.1 Except serrated part
R
Details About Serration
(1)The mold dimensions of standard serration
and the dimensions of test jigs are as shown in the
figure at left.
(2)Position of the serration bottom
When the shaft is turned fully counterclockwise, the
position of the serration bottom is on the AA line.
(3)Slitting angle
The slitting angle(position)is not specified.
98
˚
90
˚
20
˚
Testing jig
dimensions
Shaft dimensions
0.07
18-tooth Serration Shaft
Attached Parts
R
Shaft
length L
15
8
12
20
Unit:mm
Die Casting Shaft
L±0.5
C1
R±0.3
ø6.1±0.2 except for flat part
±0.5 when
R
>10
Shaft flatten angle
The shaft shows the position in which it is turned fully counterclockwise.
Flat Shaft
SRBM Series are based on p(printed terminal direction).
Note
R
Shaft
length L
15
7
12
20
Unit:mm
Unit:mm
Hexagonal nut
Flat washer
11
M7G0.75
2
ø12
ø7.1
0.5
Dummy Terminals
Rear
Front
④ ⑤
③ ④
Number of
positions
2
3
4
5
6


Similar Part No. - SRBM131300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM131300 ALPS-SRBM131300 Datasheet
196Kb / 6P
   6-position Horizontal Type
More results

Similar Description - SRBM131300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBM ALPS-SRBM Datasheet
196Kb / 6P
   6-position Horizontal Type
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
   6-position Vertical Type
SRRN ALPS-SRRN Datasheet
185Kb / 5P
   6-position Vertical Type
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
   FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
Bel Fuse Inc.
937-SP-3066-OST BEL-937-SP-3066-OST Datasheet
177Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-OST BEL-937-SP-3066R-OST Datasheet
148Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R BEL-937-SP-3066R Datasheet
182Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066R-SL BEL-937-SP-3066R-SL Datasheet
175Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066 BEL-937-SP-3066 Datasheet
171Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
937-SP-3066-OB BEL-937-SP-3066-OB Datasheet
173Kb / 1P
   6 CONDUCTOR, 6 POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com