Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D32020GDL Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYS64D32020GDL
Description  200-Pin Small Outline Dual-In-Line Memory Modules
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D32020GDL Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYS64D32020GDL Datasheet HTML 4Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 5Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 6Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 7Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 8Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 9Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 10Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 11Page - Infineon Technologies AG HYS64D32020GDL Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
HYS64D[1600x/32020]GDL–[5/6/7/8]–B
Small Outline DDR SDRAM Modules
Pin Configuration
Data Sheet
8
V1.2, 2003-08
2
Pin Configuration
Table 3
Pin Definitions and Functions
Symbol
Type
1)
1) I: Input; O: Output; I/O: bidirectional In-/Output; AI: Analog Input; PWR: Power Supply; GND: Signal Ground; NC: Not
Connected; NU: Not Usable
Function
A0 - A12
I
Address Inputs
BA0, BA1
I
Bank Address
DQ0 - DQ63
I/O
Data Input/Output
RAS, CAS, WE
I
Command Input
CKE0 - CKE1
I
Clock Enable
DQS0 - DQS7
I/O
SDRAM Data Strobe
CK0 - CK1,
I
SDRAM Clock (true signal)
CK0 - CK1
I
SDRAM Clock (complementary signal)
DM0 - DM8
I
Data Mask
S0, S1
2)
2) CKE1 and S1 are used on two bank modules only
IChip Select
V
DD
PWR
Power (+ 2.5 V)
V
SS
GND
Ground
V
DDQ
PWR
I/O Driver power supply
VDDID
PWR
VDD Indentification flag
V
REF
AI
I/O reference supply
V
DDSPD
PWR
Serial EEPROM power supply
SCL
I
Serial bus clock
SDA
I/O
Serial bus data line
SA0 - SA2
I
slave address select
NC
NC
Not Connected
NU
NU
Not Usable, reserved for future use
Table 4
Address Format
Density
Organization
Memory
Ranks
SDRAMs
# of
SDRAMs
# of row/bank/
columns bits
Refresh
Period
Interval
128MB
16M
× 64
1
16M
× 16 4
13/2/9
8K
64 ms
7.8
µs
256MB
32M
× 64
2
16M
× 16 8
13/2/9
8K
64 ms
7.8
µs


Similar Part No. - HYS64D32020GDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D32020GDL-5-C INFINEON-HYS64D32020GDL-5-C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32020GDL-5-C QIMONDA-HYS64D32020GDL-5-C Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL-6-C INFINEON-HYS64D32020GDL-6-C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32020GDL-6-C QIMONDA-HYS64D32020GDL-6-C Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
More results

Similar Description - HYS64D32020GDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D64020HBDL-5-C QIMONDA-HYS64D64020HBDL-5-C Datasheet
1Mb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D64020HBDL INFINEON-HYS64D64020HBDL Datasheet
692Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
logo
Qimonda AG
HYS64D32020 QIMONDA-HYS64D32020 Datasheet
1Mb / 34P
   200-Pin Small Outline Dual-In-Line Memory Modules
logo
Infineon Technologies A...
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com