Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYR183240G-840 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYR183240G-840
Description  Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYR183240G-840 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYR183240G-840 Datasheet HTML 6Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 7Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 8Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 9Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 10Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 11Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 12Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 13Page - Infineon Technologies AG HYR183240G-840 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
HYR16xx40G / HYR18xx40G
Rambus RIMM Modules
INFINEON Technologies
11
7.01
(max Z= and min Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers on the
modules)
AC Electrical Specifications for RIMM Modules
Symbol
RIMM Module Capacity:
No. of 288 Mbit RDRAMs:
Unit
Parameter and Conditions for -800, 711& -600
RIMM Modules
max.
max.
max.
max.
T
PD
Propagation Delay, all RSL signals -800, -711
1.28
1.28
1.56
2.06
ns
Propagation Delay, all RSL signals -600
1.28
1.28
1.60
2.10
ns
V
A/VIN
Attenuation Limit -800, -711
12
12
16
25
%
Attenuation Limit -600
10.5
10.5
12.5
18.5
%
V
XF/VIN
Forward crosstalk coefficient (300 ps input rise
time @ 20% - 80%) -800, -711, -600
22
48%
V
XB/VIN
Backward crosstalk coefficient (300 ps input rise
time @ 20%-80%) -800, -711, -600
1.5
1.5
2.0
2.5
%
R
DC
DC Resistance Limit -800, -711, -600
0.6
0.6
0.8
1.2


Similar Part No. - HYR183240G-840

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR183220G-653 INFINEON-HYR183220G-653 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-745 INFINEON-HYR183220G-745 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-840 INFINEON-HYR183220G-840 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-845 INFINEON-HYR183220G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
More results

Similar Description - HYR183240G-840

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR166420G-845 INFINEON-HYR166420G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com