Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S128160CTL-7.5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYB39S128160CTL-7.5
Description  128-MBit Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S128160CTL-7.5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYB39S128160CTL-7.5 Datasheet HTML 4Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 5Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 6Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 7Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 8Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 9Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 10Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 11Page - Infineon Technologies AG HYB39S128160CTL-7.5 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
HYB 39S128400/800/160CT(L)
128-MBit Synchronous DRAM
INFINEON Technologies
8
9.01
DQM
LDQM
UDQM
Input
Pulse
Active
High
The Data Input/Output mask places the DQ buffers in a
high impedance state when sampled high. In Read mode,
DQM has a latency of two clock cycles and controls the
output buffers like an output enable. In Write mode, DQM
has a latency of zero and operates as a word mask by
allowing input data to be written if it is low but blocks the
write operation if DQM is high.
One DQM input is present in x4 and x8 SDRAMs, LDQM
and UDQM controls the lower and upper bytes in x16
SDRAMs.
V
DD
V
SS
Supply ––
Power and ground for the input buffers and the core logic.
V
DDQ
V
SSQ
Supply ––
Isolated power supply and ground for the output buffers to
provide improved noise immunity.
Signal Pin Description (cont’d)
Pin
Type
Signal Polarity Function


Similar Part No. - HYB39S128160CTL-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128160FE-7 QIMONDA-HYB39S128160FE-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128160FEL-7 QIMONDA-HYB39S128160FEL-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128160FT-7 QIMONDA-HYB39S128160FT-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39S128160FTL-7 QIMONDA-HYB39S128160FTL-7 Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128160TC-3 INFINEON-HYB39S128160TC-3 Datasheet
2Mb / 28P
   MEMORY SPECTRUM
2004
More results

Similar Description - HYB39S128160CTL-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com