Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPVQ330600 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ330600
Description  Water-proof Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ330600 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ330600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ330600 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
51
51
SPVQ3/Water-proof Type
Product Line
1. ※ Products with a wire will be supplied as follows.
 ・Unless specified, the length of the lead wire is 250mm. Color is either red, black or yellow.
 Please consult us for length modification.
 ・Unless circuit is specified, wired(downward)types will apply three wires.
 ・Please specify circuits(N.O. or N.C.)for wired(side)types. Unless specified, the circuit will apply N.O.
 ・Product with wire will be build-to-order.
2. This unit cannot be used in water (IP67 rating, except for terminal).
Notes
Operating
life
Positions Operating
part shape
Terminal
type
Product No.(Main body form)
Minimumo rder unit(pcs) Packing
specification
type
Drawing
No.
Normal
Boss - right side Boss - left side Boss - both sides With a screw hole Japan Export
1,200,000
cycles
2
Push
For PC board
SPVQ340400 SPVQ340300 SPVQ340200 SPVQ340100
1,300 5,200
A
1
For Lead
SPVQ340700 SPVQ340600 SPVQ340500
2
Right angle
SPVQ340900
3
Left angle
SPVQ340800
4
With wire
(Downwards)
SPVQ320100
400 1,600
B
5
SPVQ320200SPVQ320300SPVQ320400
6
1
With wire
(Right side)
SPVQ320500
7
SPVQ320600SPVQ320700SPVQ320800
8
With wire(Left side)
SPVQ320900SPVQ321000SPVQ321100
9
2
Actuator
A
For PC board
SPVQ330400 SPVQ330300 SPVQ330200 SPVQ330100
1,300 5,200
A
1
For Lead
SPVQ330700 SPVQ330600 SPVQ330500
2
Right angle
SPVQ330900
3
Left angle
SPVQ330800
4
With wire
(Downwards)
SPVQ310100
180
720
D
5
SPVQ310200SPVQ310300SPVQ310400
6
1
With wire(Right side)
SPVQ310600SPVQ310700SPVQ310800
168
672
C
8
With wire(Left side)
SPVQ310900SPVQ311000SPVQ311100
9
2
Actuator
B
For PC board
SPVQ331300 SPVQ331200 SPVQ331100 SPVQ331000
1,300 5,200
A
1
For Lead
SPVQ331600 SPVQ331500 SPVQ331400
2
Right angle
SPVQ331800
3
Left angle
SPVQ331700
4
With wire
(Downwards)
SPVQ311200
180
720
D
5
SPVQ311300SPVQ311400SPVQ311500
6
1
With wire(Right side)
SPVQ311700SPVQ311800SPVQ311900
168
672
C
8
With wire(Left side)
SPVQ312000SPVQ312100SPVQ312200
9
Refer to P.71 for soldering conditions.
Packing Specifications
Tray
Bulk
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
A
1,300
5,200
540×360×290
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
B
400
1,600
555×375×223
C
168
672
D
180
720
540×360×270


Similar Part No. - SPVQ330600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350100F ALPS-SPVQ350100F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350200F ALPS-SPVQ350200F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350300F ALPS-SPVQ350300F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350400F ALPS-SPVQ350400F Datasheet
375Kb / 7P
   Water-proof Type
More results

Similar Description - SPVQ330600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
   Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
   Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
   Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
   Water-proof Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com