Electronic Components Datasheet Search |
|
SPVQ340600 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD. |
|
SPVQ340600 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD. |
6 / 7 page 14 14 List of Varieties Detector Switches Series Water-proof Type SPVQ1 SPVQ3 SPVQ4H SPVQ6 SPVQ7 Photo Operation type One-way Two-way Two-way One-way Two-way Two-way Dimensions (mm) W 13.3 13 19 13.3 14.7 D 5.8 6 5.3 5.4 H 8 8.35 11.9 7 6.7 Operating temperature range −40℃ to +85℃ Automotive use ● ● ● ● ● Life cycle (availability) Poles / Positions 1/2 1/1 1/2 1/2 1/1 1/2 Rating(max.) (Resistive load) 0.1A 12V DC 0.1A 12V DC or 0.3A 16V DC 0.1A 12V DC Rating(min.) (Resistive load) 50μA 3V DC 50μA 5V DC or 1mA 5V DC 1mA 5V DC 50μA 5V DC Durability Operating life without load 300,000cycles 1Ω max. 300,000cycles or 1,200,000cycles 1Ω max. 300,000cycles 1Ω max. Operating life with load Rating(max.) (Resistive load) 300,000cycles 1Ω max. 300,000cycles or 1,200,000cycles 1Ω max. 300,000cycles 1Ω max. Electrical performance Initial contact resistance 500mΩ max. Insulation resistance 100MΩ min. 500V DC Voltage proof 500V AC for 1minute Mechanical performance Terminal strength 3N for 1minute (with terminal) Wire strength 30N for 1minute (with wire) Wire strengh 30N for1 minute 3N for 1minute Actuator strength 20N Environmental performance Cold −40℃ 500h Dry heat 85℃ 500h Damp heat 60℃, 90 to 95% RH 500h Operation force 2N max. 5.9N max. 1±0.5N 3N max. 3N max. 1±0.5N 3N max. 1±0.5N Page 46 50 55 56 58 Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71 Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72 Note ● Indicates applicability to all products in the series. |
Similar Part No. - SPVQ340600 |
|
Similar Description - SPVQ340600 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |