Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYR183240G-653 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYR183240G-653
Description  Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYR183240G-653 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYR183240G-653 Datasheet HTML 6Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 7Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 8Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 9Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 10Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 11Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 12Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 13Page - Infineon Technologies AG HYR183240G-653 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HYR16xx40G / HYR18xx40G
Rambus RIMM Modules
INFINEON Technologies
10
7.01
1) Table below lists parameters and specifications for different storage capacity RIMM Modules that use 288 Mbit
RDRAM devices.
2) Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM, CTMN,
.....CFM and CFMN).
3.) If the RIMM module meets the folowwing specifications, then it is compliant to the specification. If the RIMM
.....module does not meet these specifications, then the specification can be adjusted by the “Adjusted
∆T
PD-
.....Specification” table.
Adjusted
∆T
PD Specfication
a) Where:
N = Nuber of RDRAM devices installed on the RIMm module
DZ0 = delta Z0% =(max Z0 - minZ0)/(min Z0)
AC Electrical Specifications
Symbol
Parameter and Conditions
Limit Values
Unit
min.
typ.
max.
Z
Module Impedance
25.2
28
30.8
T
PD
Average clock delay from finger of all RSL clock
nets (CTM, CTMN, CFM and CFMN)
––
See
Table
1)
ns
T
PD
Propagation delay variation of RSL signals with
respect to T
PD
2)3 ) for 4 and 8 device modules
– 21
21
ps
Propagation delay variation of RSL signals with
respect to T
PD
2)3 ) for 16 device modules
– 24
24
ps
T
PD-CMOS
Propagation delay variation of SCK and CMD
signals with respect to an average clock delay
2)
– 100
100
ps
V
A/VIN
Attenuation Limit
––
See
Table
1)
%
V
XF/VIN
Forward crosstalk coefficient
(300 ps input rise time @ 20%-80%)
––
See
Table
1)
%
V
XB/VIN
Backward crosstalk coefficient
(300 ps input rise time @ 20%-80%)
––
See
Table
1)
%
Symbol
Parameter and Conditions
Adjusted Min/Max
Absolute
Min /Max
Unit
∆T
PD
Propagation delay variation of RSL signals
with respect to T
PD for 4 and 8 device modules
+/-[17+(18*N*
∆Z0)]a
-30
30
ps
Propagation delay variation of RSL signals
with respect to T
PD for 16 device modules
+/-[24+(18*N*
∆Z0)]
-50
50
ps


Similar Part No. - HYR183240G-653

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR183220G-653 INFINEON-HYR183220G-653 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-745 INFINEON-HYR183220G-745 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-840 INFINEON-HYR183220G-840 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
HYR183220G-845 INFINEON-HYR183220G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
More results

Similar Description - HYR183240G-653

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYR163249G INFINEON-HYR163249G Datasheet
295Kb / 14P
   Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs)
HYR166420G-845 INFINEON-HYR166420G-845 Datasheet
319Kb / 14P
   Direct RDRAM RIMM Modules (with 144 Mbit RDRAMs)
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com