Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE145N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE145N65M5
Description  Low gate charge and input capacitance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE145N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STE145N65M5 Datasheet HTML 1Page - STMicroelectronics STE145N65M5 Datasheet HTML 2Page - STMicroelectronics STE145N65M5 Datasheet HTML 3Page - STMicroelectronics STE145N65M5 Datasheet HTML 4Page - STMicroelectronics STE145N65M5 Datasheet HTML 5Page - STMicroelectronics STE145N65M5 Datasheet HTML 6Page - STMicroelectronics STE145N65M5 Datasheet HTML 7Page - STMicroelectronics STE145N65M5 Datasheet HTML 8Page - STMicroelectronics STE145N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2015
DocID025538 Rev 2
1/13
This is information on a product in full production.
www.st.com
STE145N65M5
N-
channel 650 V, 0.012 Ω typ., 143 A MDmesh™ M5
Power MOSFET in an ISOTOP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @ TJmax
RDS(on) max.
ID
STE145N65M5
710 V
0.015
143 A
Extremely low RDS(on)
Low gate charge and input capacitance
Excellent switching performance
100% avalanche tested
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
based on the MDmesh™ M5 innovative vertical
process technology combined with the well-
known PowerMESH™ horizontal layout. The
resulting product offers extremely low on-
resistance, making it particularly suitable for
applications requiring high power and superior
efficiency.
Table 1: Device summary
Order code
Marking
Package
Packaging
STE145N65M5
145N65M5
ISOTOP
Tube


Similar Part No. - STE145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE140NF20D STMICROELECTRONICS-STE140NF20D Datasheet
597Kb / 13P
   N-channel 200 V, 10 mOmh typ., 140 A STripFET II Power MOSFET (with fast diode) in an ISOTOP package
More results

Similar Description - STE145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com