Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULQ2003ATDRG4Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ULQ2003ATDRG4Q1
Description  High-Voltage High-Current Darlington Transistor Arrays
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULQ2003ATDRG4Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ULQ2003ATDRG4Q1 Datasheet HTML 4Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 5Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 6Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 7Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 8Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 9Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 10Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 11Page - Texas Instruments ULQ2003ATDRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
90%
90%
1.5 V
1.5 V
10%
10%
40 µs
≤10 ns
≤5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
200 W
ULQ2003A-Q1, ULQ2004A-Q1
SGLS148E – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
A.
The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω.
B.
CL includes probe and jig capacitance.
C.
For testing the ULQ2003A, VIH = 3 V; for the ULQ2004A, VIH = 8 V.
Figure 12. Latch-Up Test Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: ULQ2003A-Q1 ULQ2004A-Q1


Similar Part No. - ULQ2003ATDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003ATDRQ1 TI-ULQ2003ATDRQ1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
ULQ2003ATDRQ1 TI-ULQ2003ATDRQ1 Datasheet
281Kb / 11P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY
ULQ2003ATDRQ1 TI1-ULQ2003ATDRQ1 Datasheet
917Kb / 17P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results

Similar Description - ULQ2003ATDRG4Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com