Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2035CT Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MBR2035CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MBR2035CT Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MBR2035CT Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MBR2035CT Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
2035
CT
MBR
2045
CT
MBR
2050
CT
MBR
2060
CT
MBR
2090
CT
MBR
20100
CT
MBR
20150
CT
MBR
20200
CT
Units
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IRRM
A
mA
0.15
mA
dV/dt
V/uS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
TO-220AB
1.10
15
10
5
0.1
A
0.99
0.87
VF
Peak Repetitive Reverse Surge Current (Note 1)
0.85
0.85
0.75
0.95
0.84
0.80
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Note 1: 2.0uS Pulse Width, f=1.0KHz
Operating Temperature Range
Storage Temperature Range
- 65 to + 175
IR
MBR2035CT - MBR20200CT
Dimensions in inches and (millimeters)
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Cases: JEDEC TO-220AB molded plastic
Features
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=10A, TA=25℃
IF=10A, TA=125℃
IF=20A, TA=25℃
IF=20A, TA=125℃
High surge capability
Weight: 1.71 grams
Typical Thermal Resistance Per Leg
Type Number
1.0
0.72
Maximum Instantaneous Reverse Current @ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
20
A
IF(AV)
Maximum DC Blocking Voltage
20
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Maximum Average Forward Rectified Current
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, 0.25"(6.35mm) from case
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Typical Junction Capacitance
400
320
IFSM
Voltage Rate of Change (Rated V R)
0.70
0.95
0.85
0.5
150
-
0.57
V
1.23
1.0
2.0
- 65 to + 150
10000
REVERSE VOLTAGE - 35 to 200Volts FORWARD CURRENT - 20.0 Amperes
SCHOTTKY BARRIER RECTIFIERS
www.shunyegroup.com.cn


Similar Part No. - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MBR2035CT DIGITRON-MBR2035CT Datasheet
1Mb / 4P
   20A SCHOTTKY RECTIFIERS
logo
Motorola, Inc
MBR2035CT MOTOROLA-MBR2035CT Datasheet
135Kb / 6P
   SWITCHMODE?? Power Rectifiers
logo
Mospec Semiconductor
MBR2035CT MOSPEC-MBR2035CT Datasheet
139Kb / 2P
   Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR2035CT SIRECTIFIER-MBR2035CT Datasheet
103Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2035CT KERSEMI-MBR2035CT Datasheet
476Kb / 5P
   SWITCHMODE POWER RECTIFIERS
More results

Similar Description - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com