Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D512800BC-6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB25D512800BC-6
Description  512Mbit Double Data Rate SDRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D512800BC-6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB25D512800BC-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 11Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 12Page - Infineon Technologies AG HYB25D512800BC-6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Data Sheet
9
Rev. 1.2, 2004-06
512Mbit Double Data Rate SDRAM
DDR SDRAM
HYB25D512[40/80/16]0B[C/T]
HYB25D512[40/80/16]0B[E/F]
1Overview
1.1
Features
Double data rate architecture: two data transfers per clock cycle
Bidirectional data strobe (DQS) is transmitted and received with data, to be used in capturing data at the
receiver
DQS is edge-aligned with data for reads and is center-aligned with data for writes
Differential clock inputs (CK and CK)
Four internal banks for concurrent operation
Data mask (DM) for write data
DLL aligns DQ and DQS transitions with CK transitions
Commands entered on each positive CK edge; data and data mask referenced to both edges of DQS
Burst Lengths: 2, 4, or 8
CAS Latency: (1.5), 2, 2.5, 3
Auto Pre charge option for each burst access
Auto Refresh and Self Refresh Modes
•7.8
µs Maximum Average Periodic Refresh Interval
2.5 V (SSTL_2 compatible) I/O
V
DDQ = 2.5 V ± 0.2 V and 2.6 V ± 0.1 V for DDR400
V
DD = 2.5 V ± 0.2 V and 2.6 V ± 0.1 V for DDR400
P-TFBGA-60 and P-TSOPII-66 package
Table 1
Performance
Product Type Speed Code
-5
-6
-7
Unit
Speed Grade
DDR400B
DDR333B
DDR266A
max. Clock Frequency
@CL3
f
CK3
200
166
143
MHz
@CL2.5
f
CK2.5
166
166
143
MHz
@CL2
f
CK2
133
133
133
MHz


Similar Part No. - HYB25D512800BC-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D512800BC-6 QIMONDA-HYB25D512800BC-6 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D512800BC-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com