Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPUJ Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPUJ
Description  2mm-travel Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPUJ Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPUJ_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPUJ_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
120
120
Horizontal type suitable for multiple circuits
2mm-travel Horizontal Type
SPUJ
2,000
7.4
4-pole:22.7
7.5
5
Travel Total travel
Terminal No.1
7.2
8.8
4
PC board mounting face
A
つまみ
Japan
Export
Please contact us for automotive use.
Straight
Snap-in
Straight
Snap-in
Straight
Snap-in
Straight
2
4
Non shorting
Latching
Momentary
Latching
Momentary
2
SPUJ190900
SPUJ191000
SPUJ191500
SPUJ191900
SPUJ193700
SPUJ193900
SPUJ194500
Poles
Changeover
timing
PC board
Terminal
type
3,000
100
Minimum order unit(pcs.)
Operation
Travel
(mm)
3
Total travel
(mm)
Product No.
Product Line
Mounting
method
Note
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 30V DC / 50BA 3V DC
Contact resistance
(Initial/After operating life)
20mΩ max. / 40mΩ max.
Operating forces
2-pole
1.5±1N
4-pole
2.3±1N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.1A 30V DC)
PC board mounting hole dimensions
(Viewed from the direction A)
2.5G5
0.7Gø0.9 hole
(2.5)
3.2
0.7
Thickness of PC board t=1.6mm
2.5G5
ø1 hole
2.5
Straight terminal
Snap-in terminal
Dimensions
2-pole, 4-pole
Unit:mm
Style
Packing Specifications
Bulk
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
SPUJ190900, SPUJ191000,
SPUJ191500, SPUJ191900
600
3,000
400×270×290
SPUJ193700, SPUJ193900,
SPUJ194500
400
2,000
Refer to P.138 for soldering conditions.


Similar Part No. - SPUJ_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUJ190900 ALPS-SPUJ190900 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191000 ALPS-SPUJ191000 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191500 ALPS-SPUJ191500 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ191900 ALPS-SPUJ191900 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUJ193700 ALPS-SPUJ193700 Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
More results

Similar Description - SPUJ_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
   2.5mm-travel Horizontal Type
logo
SHINMEI ELECTRIC CO., L...
SLM-13-744B-T45 SHINMEI-SLM-13-744B-T45 Datasheet
102Kb / 3P
   2mm Travel Thin Type Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
   2mm Travel Thin Type Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSAB ALPS-SSAB Datasheet
261Kb / 3P
   1.9/2mm-travel, for Modulator Switching Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com