Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPJ320600 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ320600
Description  2.5mm-travel Compact-sized Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ320600 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ320600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ320600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ320600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ320600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
117
117
SPPJ3/2.5mm-travel Compact-sized Horizontal Type
0.6
PC board mounting face
t : 0.35
(5)
PC board mounting face
Travel
Total travel
Terminal No.6
(22)
12
10
3.5
2.5
0.6
2.5
3.5
A
0.6
(6.6)
0.35
2.5
4.2
2.5
a
Knob
Spring
PC board mounting face
Lock plate
1
2
Circuit Diagram(Viewed from Direction A)
The SPPJ3 series should be operated in arrow 2 direction as shown in the following figure and applied within an angle of 15°based
from the center. If excessive force is applied to the lever from arrow ① direction, it may fall down as illustrated and cause malfunctions.
Note
1-pole
2-pole
1 2 3
1 2 3
45 6
(4)
2
Knob face
1
1
Actuator Configuration at Front Edge
Unit:mm
2-pole
0.8
1.3
Detail of a
Unit:mm
For PC board
Terminal Configuration
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
No.
3-ø0.9 hole
2.5 2.5
5.7
2-ø1.2 hole
5.6
2
2-pole, 2-position
Attached Parts
Knob outline drawing
Model
                Color:Black
UJ206022
4.6
5
Unit:mm
Knob
Knob face
2. We recommend the use of adhesive to secure the knob
when mounting onto switches.
1. Other knob varieties are also available. Please inquire.
Notes
Unit:mm


Similar Part No. - SPPJ320600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ320600 ALPS-SPPJ320600 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
More results

Similar Description - SPPJ320600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
   2.5mm-travel Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
   2.2mm-travel Medium-sized Vertical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com