Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39L256160AC-8 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB39L256160AC-8
Description  256 MBit Synchronous Low-Power DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39L256160AC-8 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB39L256160AC-8 Datasheet HTML 6Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 7Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 8Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 9Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 10Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 11Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 12Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 13Page - Infineon Technologies AG HYB39L256160AC-8 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
HYB39L256160AC/T
256MBit 3.3V Mobile-RAM
INFINEON Technologies AG
10
2002-12-20
Power-On and Initialization
The default power-on state of the mode register is supplier specific and may be undefined. The
following power on and initialization sequence guarantees the device is preconditioned to each
users specific needs. Like a conventional DRAM, the Synchronous DRAM must be powered up and
initialized in a predefined manner. VDD must be applied before or at the same time as VDDQ to the
specified voltage when the input signals are held in the “NOP” or “DESELECT” state. The power on
voltage must not exceed VDD +0.3V on any of the input pins or VDD supplies. The CLK signal must
be started at the same time. After power on, an initial pause of 200
ms is required followed by a
precharge of all banks using the precharge command. To prevent data contention on the DQ bus
during power on, it is required that the DQM and CKE pins be held high during the initial pause
period. Once all banks have been precharged, the Mode Register Set Command must be issued to
initialize the Mode Register. A minimum of eight Auto Refresh cycles (CBR) are also required.These
may be done before or after programming the Mode Register. Failure to follow these steps may lead
to unpredictable start-up modes.
Programming the Mode Register
The Mode Register designates the operation mode at the read or write cycle. This register is divided
into 4 fields. A Burst Length Field to set the length of the burst, an Addressing Selection bit to
program the column access sequence in a burst cycle (interleaved or sequential), and a CAS
Latency Field to set the access time at clock cycle, an The mode set operation must be done before
any activate command after the initial power up. Any content of the mode register can be altered by
re-executing the mode set command. All banks must be in precharged state and CKE must be high
at least one clock before the mode set operation. After the mode register is set, a Standby or NOP
command is required. Low signals of RAS, CAS, and WE at the positive edge of the clock activate
the mode set operation. Address input data at this timing defines parameters to be set as shown in
the previous table. BA0 and BA1 have to be set to “0” to enter the Mode Register.
Read and Write Operation
When RAS is low and both CAS and WE are high at the positive edge of the clock, a RAS cycle
starts. According to address data, a word line of the selected bank is activated and all of sense
amplifiers associated to the wordline are set. A CAS cycle is triggered by setting RAS high and CAS
low at a clock timing after a necessary delay,
t
RCD, from the RAS timing. WE is used to define either
a read (WE = H) or a write (WE = L) at this stage.
SDRAM provides a wide variety of fast access modes. In a single CAS cycle, serial data read or
write operations are allowed at up to a 133MHz data rate. The numbers of serial data bits are the
burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page. Column
addresses are segmented by the burst length and serial data accesses are done within this
boundary. The first column address to be accessed is supplied at the CAS timing and the
subsequent addresses are generated automatically by the programmed burst length and its
sequence. For example, in a burst length of 8 with interleave sequence, if the first address is ‘2’,
then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5.
Full page burst operation is only possible using the sequential burst type and page length is a
function of the I/O organisation and column addressing. Full page burst operation do not self
terminate once the burst length has been reached. In other words, unlike burst length of 2, 4 and 8,
full page burst continues until it is terminated using another command.


Similar Part No. - HYB39L256160AC-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L256160AC-7.5 INFINEON-HYB39L256160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYB39L256160AC-8

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com