Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25L128160AC-7.5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # HYB25L128160AC-7.5
Description  BJAWBMSpecialty DRAMs Mobile-RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25L128160AC-7.5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  HYB25L128160AC-7.5 Datasheet HTML 1Page - Infineon Technologies AG HYB25L128160AC-7.5 Datasheet HTML 2Page - Infineon Technologies AG HYB25L128160AC-7.5 Datasheet HTML 3Page - Infineon Technologies AG HYB25L128160AC-7.5 Datasheet HTML 4Page - Infineon Technologies AG HYB25L128160AC-7.5 Datasheet HTML 5Page - Infineon Technologies AG HYB25L128160AC-7.5 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M obile-RAM – E xtended B attery
Lifetime for H andhelds
AS ONE OF THE W ORLD’S T O P THREE memory companies, Infineon offers a wide portfolio of
leading-edge Mobile-RAM devices (low-power SDRAMs) targeted specifically at:
PDAs
Cellphones (smart and feature phones)
Digital cameras
MP3 players
INFINEON’S MOBILE-RAM product line combines
Ultra low-power consumption for battery-powered systems with
Extra compact chip-scale packages for space-constrained applications
INFINEON’S MOBILE-RAM cuts power consumption by up to 80 % (depending on operating conditions
and system design) – thanks to its latest memory technology, low operating voltage (1.8 V) and its unique, integrated
power management features.
MOBILE-RAM DE VICES come in a Fine-pitch Ball Grid Array (FBGA) package. These packages leverage
Infineon’s proprietary wire bonding Board-On-Chip (BOC) technology for smallest form factors. The latest product
generation further improves form factor by reducing package heights from 1.2 to 1 mm.


Similar Part No. - HYB25L128160AC-7.5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25L128160AC-75 INFINEON-HYB25L128160AC-75 Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results

Similar Description - HYB25L128160AC-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
HYB18M512160BF-6 QIMONDA-HYB18M512160BF-6 Datasheet
793Kb / 24P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com