Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041IPAPQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPQ1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB4041IPAPQ1 Datasheet HTML 2Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 3Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 4Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 5Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 6Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 7Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 8Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 9Page - Texas Instruments TUSB4041IPAPQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
PWRCTL3/BATEN3
1
I/O
PD
USB port 3 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 3.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for Port 3 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported
PWRCTL4/BATEN4
64
I/O
PD
USB port 4 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 4.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for Port 4 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported
USB_DM_DN1
34
I/O
USB high-speed differential transceiver (negative)
USB_DM_DN2
42
USB_DM_DN3
50
USB_DM_DN4
57
USB_DP_DN1
33
I/O
USB high-speed differential transceiver (positive)
USB_DP_DN2
41
USB_DP_DN3
49
USB_DP_DN4
56
I2C AND SMBus SIGNALS
SCL/SMBCLK
6
I/O
PD
I2C clock/SMBus clock. The function of this pin depends on the setting of the
SMBUSz input.
When SMBUSz = 1, this pin functions as the serial clock interface for an I2C
EEPROM.
When SMBUSz = 0, this pin functions as the serial clock interface for an SMBus
host.
This pin can be left unconnected if external interface not implemented.
SDA/SMBDAT
5
I/O
PD
I2C data/SMBus data. The function of this pin depends on the setting of the SMBUSz
input.
When SMBUSz = 1, this pin functions as the serial data interface for an I2C
EEPROM.
When SMBUSz = 0, this pin functions as the serial data interface for an SMBus
host.
This pin can be left unconnected if the external interface is not implemented.
SMBUSz
7
I/O
PU
I2C/SMBus mode select. The value of the pin is sampled at the deassertion of reset
set I2C or SMBus mode as follows:
1 = I2C mode selected
0 = SMBus mode selected
This pin can be left unconnected if the external interface is not implemented.
After reset, this signal is driven low by the TUSB4041I-Q1. Because of this behavior,
TI recommends not to tie directly to supply, but instead pull up or pull down using
external resistor.


Similar Part No. - TUSB4041IPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041IPAP TI1-TUSB4041IPAP Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041IPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com