Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7242CDWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7242CDWR
Description  High-Speed, Quad-Channel Digital Isolators
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7242CDWR Datasheet(HTML) 3 Page - Texas Instruments

  ISO7242CDWR Datasheet HTML 1Page - Texas Instruments ISO7242CDWR Datasheet HTML 2Page - Texas Instruments ISO7242CDWR Datasheet HTML 3Page - Texas Instruments ISO7242CDWR Datasheet HTML 4Page - Texas Instruments ISO7242CDWR Datasheet HTML 5Page - Texas Instruments ISO7242CDWR Datasheet HTML 6Page - Texas Instruments ISO7242CDWR Datasheet HTML 7Page - Texas Instruments ISO7242CDWR Datasheet HTML 8Page - Texas Instruments ISO7242CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
Revision History (continued)
10):2006-1 Insulation Characteristics
(1) ............................................................................................................................... 23
Changed RS Test Conditions From: VIO = 500 V at TS To: VIO = 500 V at TS = 150°C in the DIN V VDE V 0884-10
(VDE V 0884-10):2006-1 Insulation Characteristics
(6) table................................................................................................. 23
Changed the CTI Test Conditions From: IEC 60112/VDE 0303 Part 1 To: DIN EN 60112 (VDE 0303-11); IEC 60112
in the Package Characteristics table ................................................................................................................................... 23
Deleted CI - Input capacitance to ground from the Package Characteristics table ............................................................. 23
Changed title From: IEC Safety Limiting Values To: Safety Limiting Values ....................................................................... 24
Changed Figure 17 title From: Thermal Derating Curve per DIN EN 60747-5-5 To: Thermal Derating Curve per VDE .... 24
Changed "DIN EN 60747-5-5 & DIN EN 61010-1" To: DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 and DIN EN
61010-1 (VDE 0411-1): 2011-07 in the Regulatory Information table.................................................................................. 25
(1)
Climatic Classification 40/125/21
Changes from Revision P (August 2014) to Revision Q
Page
Changed the VI MAX value in the Absolute Maximum Ratings table From: 6 V To: VCC + 0.5 V .......................................... 8
Added Note 3 to the Absolute Maximum Ratings table.......................................................................................................... 8
Changed the Handling Rating table to the ESD Ratings table. ............................................................................................. 8
Moved TSTG - Storage From the ESD Ratings table to the Absolute Maximum Ratings table .............................................. 8
Added one row to Table 2. Values: X, PD, X, X, Undetermined ......................................................................................... 26
Added one row to Table 3. Values: X, PD, X, X, X, Undetermined .................................................................................... 26
Changed Figure 18 labels From: "ISO7240CF Input" To: "ISO7240CF Input, Disable" and From: "Enable" To:
"Enable, Control" ................................................................................................................................................................. 26
Changes from Revision O (November 2012) to Revision P
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changed ISO7241C minimum supply from 2.8 V to 3.15 V................................................................................................... 8
Changes from Revision N (January 2012) to Revision O
Page
Added the Safety Limiting Values section ............................................................................................................................ 24
Changes from Revision M (January 2011) to Revision N
Page
Changed Feature From: Operates 3.3-V or 5-V Supplies To: Operates With 2.8-V (ISO7241C), 3.3-V or 5-V Supplies ..... 1
Added device options to VCC in the RECOMMENDED OPERATING CONDITIONS table ................................................... 8
Changed Table Note (1) ......................................................................................................................................................... 8
Changed ICC1 and ICC2 test conditions in the VCC1 and VCC2 at 5-V Electrical Characteristics: VCC1 and VCC2 at 5-V
(2)
Operation table ....................................................................................................................................................................... 9
Changed Table Note (1) ......................................................................................................................................................... 9
Changed ICC1 and ICC2 test conditions in the VCC1 at 5-V, VCC2 at 3.3-V Electrical Characteristics: VCC1 at 5-V, VCC2 at
3.3-V
(3) Operation table ........................................................................................................................................................ 10
Changed Table Note (1) ....................................................................................................................................................... 10
Changed ICC1 and ICC2 test conditions in the VCC1 at 3.3-V, VCC2 at 5-V Electrical Characteristics: VCC1 at 3.3-V, VCC2
at 5-V
(4) Operation table ....................................................................................................................................................... 11
Changed Table Note (1) ....................................................................................................................................................... 11
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M


Similar Part No. - ISO7242CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7242CDWR TI-ISO7242CDWR Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242CDWR TI-ISO7242CDWR Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242CDWR TI-ISO7242CDWR Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDWR TI-ISO7242CDWR Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDWR TI1-ISO7242CDWR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7242CDWR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com