Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPJ225800 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ225800
Description  2.5mm-travel Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ225800 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ225800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ225800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ225800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ225800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
118
118
Switches with a lever height of 5.5mm,
directly mountable onto set product
2.5mm-travel Horizontal Type
SPPJ2
(7.2)
1
PC board mounting face
(12)
Travel
Total travel
Terminal No.6
13
1
0.6
3.2
2.8
3.2
2.8
5.5
3.5
2.5
0.5
(3)
(6)
A
Knob face
Knob
H
Drawing
No.
SPPJ226400
Japan
Export
Minimum order unit(pcs.)
2
100
Poles
3,500
2,500
PC board
Mounting
method
M2-screw
For
PC board
For
Lead
Terminal
type
Latching
Momentary
Latching
Momentary
Operation
SPPJ222200
SPPJ223200
SPPJ225800
Product No.
Product Line
2.5
Travel
(mm)
3.5
Total travel
(mm)
1
2
Non shorting
Changeover
timing
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.2A 30V DC / 50μA 3V DC
Contact resistance
(Initial/After operating life)
20mΩ max. / 40mΩ max.
Operating force
3±1.5N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.2A 30V DC)
8-ø1.3 hole
2.5
2.5
3.2
3.2
Dimensions
Unit:mm
No.
1
Style
PC board mounting hole dimensions
(Viewed from the direction A)
For PC board
Refer to P.138 for soldering conditions.
Packing Specifications
Bulk
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
SPPJ222200
SPPJ223200
700
3,500
400×270×290
SPPJ225800
SPPJ226400
500
2,500


Similar Part No. - SPPJ225800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ225800 ALPS-SPPJ225800 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
More results

Similar Description - SPPJ225800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
   2mm-travel Horizontal Type
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
   1.5mm-travel Low-profile Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com