Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPJ223200 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ223200
Description  2.5mm-travel Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ223200 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ223200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ223200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ223200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ223200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
138
138
Soldering time
SPEH
Series
Series
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA (K) or CC (T) at soldering portion (copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
300
200
100
A max.
B
E
D
Time (s)
C
Pre-heating
F max.
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the PC board's
  temperature greatly differs from that of the switch, depending on the PC board's material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Notes
260
Series(Reflow type)
230
40
180
150
120
SPEG
SPEJ
SPEF
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)
10±1s
Soldering temperature Duration of immersion
Preheating temperature
Preheating time
SPPJ2, SPPH1, SPED2, SPED4, SPEF
SPUJ, SPPH2, SPPH4
SPUN
SPPJ3
100℃ max.
60s max.
260±5℃
5±1s
100℃ max.
60s max.
260±5℃
10±1s
260±5℃
5±1s
260±5℃
Items
Dip soldering
Reference for Dip Soldering
(For PC board terminal types)
300±10℃
SPUJ
3+1/0s
350℃ max.
SPEH, SPPH2
SPEG, SPEF
SPEJ
SPED2, SPED4
SPPJ3, SPPJ2, SPUN, SPPH4, SPPH1
350±10℃
3+1/0s
350±10℃
3±0.5s
350±10℃
4s max.
350±5℃
3s max.
3s max.
Soldering temperature
Reference for Hand Soldering
For PC board 端子タイプに適用
Push Switches Soldering Conditions


Similar Part No. - SPPJ223200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ223200 ALPS-SPPJ223200 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
More results

Similar Description - SPPJ223200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPUJ ALPS-SPUJ_15 Datasheet
975Kb / 4P
   2mm-travel Horizontal Type
SPUJ ALPS-SPUJ Datasheet
244Kb / 3P
   2mm-travel Horizontal Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
   1.5mm-travel Low-profile Horizontal Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com