Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D512800BC-5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYB25D512800BC-5
Description  512Mbit Double Data Rate SDRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D512800BC-5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYB25D512800BC-5 Datasheet HTML 7Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 8Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 9Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 10Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 11Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 12Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 13Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 14Page - Infineon Technologies AG HYB25D512800BC-5 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Data Sheet
11
Rev. 1.2, 2004-06
HYB25D512[40/16/80]0B[E/F/C/T]
512Mbit Double Data Rate SDRAM
Overview
HYB25D512400BF–5
×4
3.0-3-3
200
2.5-3-3
166
DDR400B
P-TFBGA-60
HYB25D512160BF–5
×16
HYB25D512400BF–6
×4
2.5-3-3
166
2-3-3
133
DDR333
HYB25D512800BF–6
×8
HYB25D512160BF–6
×16
HYB25D512400BF–5
×4
3.0-3-3
200
2.5-3-3
166
DDR400B
P-TSOPII-66
HYB25D512800BE–5
×8
HYB25D512160BE–5
×16
HYB25D512400BE–6
×4
2.5-3-3
166
2-3-3
133
DDR333
HYB25D512800BE–6
×8
HYB25D512160BE–6
×16
HYB25D512400BE–7
×4
143
DDR266A
1) HYB: designator for memory components
25D: DDR SDRAMs at
V
DDQ = 2.5 V
512: 512-Mbit density
400/800/160: Product variations x4,
×8 and ×16
B: Die revision B
C/F/E/T: Package type FBGA and TSOP
Table 2
Ordering Information (cont’d)
Part Number
1)
Org. CAS-RCD-RP
Latencies
Clock
(MHz)
CAS-RCD-RP
Latencies
Clock
(MHz)
Speed
Package


Similar Part No. - HYB25D512800BC-5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D512800BC-5 QIMONDA-HYB25D512800BC-5 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D512800BC-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com