Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7220BDG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220BDG4
Description  Dual Channel Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220BDG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7220BDG4 Datasheet HTML 4Page - Texas Instruments ISO7220BDG4 Datasheet HTML 5Page - Texas Instruments ISO7220BDG4 Datasheet HTML 6Page - Texas Instruments ISO7220BDG4 Datasheet HTML 7Page - Texas Instruments ISO7220BDG4 Datasheet HTML 8Page - Texas Instruments ISO7220BDG4 Datasheet HTML 9Page - Texas Instruments ISO7220BDG4 Datasheet HTML 10Page - Texas Instruments ISO7220BDG4 Datasheet HTML 11Page - Texas Instruments ISO7220BDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
6.5 Electrical Characteristics, 5 V
VCC1 and V CC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7220x
1
2
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221
8.5
17
ISO7220A, ISO7220B
2
3
ICC1
1 Mbps
0.5 MHz Input Clock Signal, no load
mA
ISO7221A, ISO7221B
10
18
ISO7220C, ISO7220M
4
9
12.5 MHz Input Clock Signal, no
25 Mbps
mA
load
ISO7221C, ISO7221M
12
22
ISO7220x
16
31
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221x
8.5
17
ISO7220A, ISO7220B
17
32
ICC2
1 Mbps
0.5 MHz Input Clock Signal, no load
mA
ISO7221A, ISO7221B
10
18
ISO7220C, ISO7220M
20
34
12.5 MHz Input Clock Signal, no
25 Mbps
mA
load
ISO7221C, ISO7221M
12
22
IOH = –4 mA, See Figure 13
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 13
VCC – 0.1
5
IOL = 4 mA, See Figure 13
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 13
0
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
IN from 0 V to VCC
10
μA
IIL
Low-level input current
IN from 0 V to VCC
–10
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 15
25
50
kV/
μs
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7220BDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220BD TI-ISO7220BD Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220BD TI-ISO7220BD Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220BDR TI-ISO7220BDR Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220BDR TI-ISO7220BDR Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7220BDG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com