Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BZV55C
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BZV55C Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  BZV55C Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BZV55C Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. BZV55C Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
BZV/ZMM55C2V4
BZV/ZMM55C2V7
BZV/ZMM55C3V0
BZV/ZMM55C3V3
BZV/ZMM55C3V6
BZV/ZMM55C3V9
BZV/ZMM55C4C3
BZV/ZMM55C4V7
BZV/ZMM55C5V1
BZV/ZMM55C5V6
BZV/ZMM55C6V2
BZV/ZMM55C6V8
BZV/ZMM55C7V5
BZV/ZMM55C8V2
BZV/ZMM55C9V1
BZV/ZMM55C10
BZV/ZMM55C11
BZV/ZMM55C12
BZV/ZMM55C13
BZV/ZMM55C15
BZV/ZMM55C16
BZV/ZMM55C18
BZV/ZMM55C20
BZV/ZMM55C22
BZV/ZMM55C24
BZV/ZMM55C27
BZV/ZMM55C30
BZV/ZMM55C33
BZV/ZMM55C36
BZV/ZMM55C39
BZV/ZMM55C43
BZV/ZMM55C47
BZV/ZMM55C51
BZV/ZMM55C56
BZV/ZMM55C62
BZV/ZMM55C68
BZV/ZMM55C75
BZV/ZMM55C82
BZV/ZMM55C91
BZV/ZMM55C100
BZV/ZMM55C110
BZV/ZMM55C120
BZV/ZMM55C130
BZV/ZMM55C150
BZV/ZMM55C160
BZV/ZMM55C180
BZV/ZMM55C188
2.28
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
77
85
94
104
114
124
138
153
168
188
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
500
600
700
700
1000
1000
1000
1500
2000
5000
5000
5000
5000
5000
5000
5000
5000
5000
50
10
4.0
2.0
2.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
155
135
125
115
105
95
90
85
80
70
64
58
53
74
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
7.8
7.0
6.4
5.9
5.3
4.8
4.4
4.0
3.6
3.3
3.0
2.6
2.5
2.2
2.0
Device Type
Nominal
ZenerVoltage
Vz@IZT
Test
Current
IZT
Maximum Zener
Impedance
ZZT@IZT ZZk@IZK
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
mA
mA
IR
@VR
Volts
85
85
85
85
85
85
75
60
35
25
10
8
7
7
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
90
90
110
125
135
150
200
250
300
450
450
600
800
1000
1200
1500
1800
2000
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
mA
Min
Max
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
80
87
96
106
116
127
141
156
171
191
212
Ohms
Ohms
Typical
Temperature
Coefficient
(%/ C)
-0.085
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.045
+0.050
+0.058
+0.062
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.083
+0.085
+0.086
+0.087
+0.088
+0.090
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
IZK
mA
www.shunyegroup.com.cn


Similar Part No. - BZV55C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZV55C EIC-BZV55C Datasheet
43Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SynSemi, Inc.
BZV55C SYNSEMI-BZV55C Datasheet
39Kb / 2P
   ZENER DIODES
logo
Shanghai Shunye Electro...
BZV55C SY-BZV55C Datasheet
316Kb / 3P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
BZV55C LUGUANG-BZV55C Datasheet
211Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
More results

Similar Description - BZV55C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com