Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO3080 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO3080
Description  Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO3080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO3080_15 Datasheet HTML 6Page - Texas Instruments ISO3080_15 Datasheet HTML 7Page - Texas Instruments ISO3080_15 Datasheet HTML 8Page - Texas Instruments ISO3080_15 Datasheet HTML 9Page - Texas Instruments ISO3080_15 Datasheet HTML 10Page - Texas Instruments ISO3080_15 Datasheet HTML 11Page - Texas Instruments ISO3080_15 Datasheet HTML 12Page - Texas Instruments ISO3080_15 Datasheet HTML 13Page - Texas Instruments ISO3080_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VOD
50 W
D
A
B
DE
VCC1
VI
Input
Generator
Generator: PRR = 100 kHz, 50 % duty cycle,
t r < 6ns, tf <6 ns, ZO = 50
3V
tf
tr
tPLH
tPHL
10%
90%
VOD
VI
90%
10%
VOD(H)
VOD(L)
includesfixtureand
instrumentationcapacitance
L
C
50%
50%
GND1
R =54
±1%
L
W
C =50pF
±20%
L
50%
50%
Input
I I
VI
VCC1
DE
A
B
VOB
VOA
VOD
I OA
I OB
GND2
GND1
GND1
GND2
VOC
27 W
VOC
B
V B
V A
A
VOC(SS)
OC(p-p)
V
27 W
Generator: PRR= 100 kHz, 50 % duty
cycle, t r < 6ns, tf <6 ns, ZO = 50 W
Input
0 or
I I
VI
V
CC1
DE
A
B
VOB
VOA
VOD
IOA
IOB
GND1
GND1
GND2
V
CC1
GND2
375 W
60 W
+
V
OD
D
DE
GND 2
V
CC2
A
B
0 V or 3 V
375 W
–7 V to 12 V
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581H – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
8 Parameter Measurement Information
Figure 10. Driver VOD Test and Current Definitions
Figure 11. Driver VOD With Common-Mode Loading
Test Circuit
Note: Unless otherwise stated, test circuits are shown for half-duplex devices, ISO3082 & ISO3088. For full-
duplex devices, driver output pins are Y and Z.
Figure 12. Test Circuit and Waveform Definitions For The Driver Common-Mode Output Voltage
Figure 13. Driver Switching Test Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088


Similar Part No. - ISO3080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
More results

Similar Description - ISO3080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
[Old version datasheet]   ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15 Datasheet
1Mb / 32P
[Old version datasheet]   ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com