Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39L128160AT Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYB39L128160AT
Description  128-MBIT SYNCHRONOUS LOW-POWER DRAM
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39L128160AT Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYB39L128160AT Datasheet HTML 1Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 2Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 3Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 4Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 5Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 6Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 7Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 8Page - Infineon Technologies AG HYB39L128160AT Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
HYB 39L128160AC/T
128-MBit 3.3V Mobile-RAM
INFINEON Technologies
4
2003-02
Pin Configuration for TSOP devices:
SPP04121
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
V
DD
DQ0
A10
A0
A1
A2
A3
V
DD
V
DDQ
DQ1
DQ2
V
SSQ
DQ3
DQ4
V
DDQ
DQ5
DQ6
V
SSQ
DQ7
V
DD
LDQM
CAS
WE
RAS
CS
BA0
BA1
BA1
BA0
CS
RAS
WE
CAS
N.C.
V
DD
N.C.
V
SSQ
DQ3
N.C.
V
DDQ
DQ2
N.C.
V
SSQ
DQ1
N.C.
V
DDQ
V
DD
A3
A2
A1
A0
A10
DQ0
V
DD
V
DD
BA1
BA0
CS
RAS
WE
CAS
N.C.
V
DD
N.C.
V
SSQ
DQ1
N.C.
V
DDQ
N.C.
N.C.
V
SSQ
DQ0
N.C.
V
DDQ
V
DD
A3
A2
A1
A0
A10
N.C.
V
SS
N.C.
A8
A7
A6
A5
A4
V
SS
V
SSQ
N.C.
DQ3
V
DDQ
N.C.
N.C.
V
SSQ
N.C.
DQ2
V
DDQ
N.C.
V
SS
N.C.
CLK
DQM
CKE
N.C.
A11
A9
A9
A11
N.C.
CKE
DQM
CLK
N.C.
V
SS
N.C.
V
DDQ
DQ4
N.C.
V
SSQ
DQ5
N.C.
V
DDQ
DQ6
N.C.
V
SSQ
V
SS
A4
A5
A6
A7
A8
DQ7
V
SS
V
SS
A9
A11
N.C.
CKE
UDQM
CLK
N.C.
V
SS
DQ8
V
DDQ
DQ9
DQ10
V
SSQ
DQ11
DQ12
V
DDQ
DQ13
DQ14
V
SSQ
V
SS
A4
A5
A6
A7
A8
DQ15
TSOPII-54 (10.16 mm x 22.22 mm, 0.8 mm pitch)
32 M x 4
16 M x 8
8 M x 16


Similar Part No. - HYB39L128160AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L128160AT INFINEON-HYB39L128160AT Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
HYB39L128160AT-7.5 INFINEON-HYB39L128160AT-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYB39L128160AT

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com