Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCT20N120 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SCT20N120
Description  Very high operating temperature capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT20N120 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SCT20N120 Datasheet HTML 2Page - STMicroelectronics SCT20N120 Datasheet HTML 3Page - STMicroelectronics SCT20N120 Datasheet HTML 4Page - STMicroelectronics SCT20N120 Datasheet HTML 5Page - STMicroelectronics SCT20N120 Datasheet HTML 6Page - STMicroelectronics SCT20N120 Datasheet HTML 7Page - STMicroelectronics SCT20N120 Datasheet HTML 8Page - STMicroelectronics SCT20N120 Datasheet HTML 9Page - STMicroelectronics SCT20N120 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
SCT20N120
6/13
DocID026413 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics @ TJ = 25 °C
Figure 5. Output characteristics @ TJ = 200 °C
Figure 6. Transfer characteristics
Figure 7. Body diode characteristics
@ TJ = -50 °C


Similar Part No. - SCT20N120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT20N120AG STMICROELECTRONICS-SCT20N120AG Datasheet
487Kb / 13P
   Automotive-grade silicon carbide Power MOSFET 1200 V, 20 A, 189 m廓 (typ., TJ=150 째C), in an HiP247 package
Rev 3 - October 2019
logo
Inchange Semiconductor ...
SCT20N120H ISC-SCT20N120H Datasheet
369Kb / 2P
   SiC N-Channel MOSFET
More results

Similar Description - SCT20N120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152-500RT NXP-BT152-500RT_11 Datasheet
202Kb / 12P
   High junction temperature capability Very high current surge capability
Rev. 2-9 June 2011
logo
STMicroelectronics
STPS10SM80C STMICROELECTRONICS-STPS10SM80C Datasheet
143Kb / 11P
   High junction temperature capability
April 2011 Rev 1
logo
List of Unclassifed Man...
HPL00501031ST ETC2-HPL00501031ST Datasheet
396Kb / 5P
   High Life Cycle, High Temperature Capability
logo
NXP Semiconductors
BT152-800R NXP-BT152-800R_11 Datasheet
527Kb / 12P
   High thermal cycling performance Very high current surge capability
Rev. 2-9 June 2011
logo
HB Electronic Component...
E12EB7C-O HB-E12EB7C-O Datasheet
553Kb / 5P
   High reliability and Very long operating life
logo
NXP Semiconductors
BUJ303AX NXP-BUJ303AX_11 Datasheet
606Kb / 14P
   NPN power transistor Very high voltage capability Isolated package
Rev. 05-3 May 2011
logo
Amphenol Corporation
P-MUSBR-2M5C-0X4BP AMPHENOL-P-MUSBR-2M5C-0X4BP Datasheet
48Kb / 1P
   OPERATING TEMPERATURE
logo
E-SWITCH
R4BBLKBLKGRNEF3 E-SWITCH-R4BBLKBLKGRNEF3 Datasheet
117Kb / 1P
   OPERATING TEMPERATURE
logo
jb Capacitors Company
JFG JBCAPACITORS-JFG Datasheet
413Kb / 4P
   Operating Temperature
JFL JBCAPACITORS-JFL Datasheet
296Kb / 2P
   Operating Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com