Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25L256160AF-75 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB25L256160AF-75
Description  256MBit Mobile-RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25L256160AF-75 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB25L256160AF-75 Datasheet HTML 5Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 6Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 7Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 8Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 9Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 10Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 11Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 12Page - Infineon Technologies AG HYB25L256160AF-75 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Data Sheet
9
Rev. 1.2, 04-2004
HY[B/E]25L256160AF–7.5
256MBit Mobile-RAM
Pin Configuration
Table 3
Input/Output Signals
Pin Symbol Type
Polarity Function
F2
CLK
Input
Positive
Edge
Clock
The system clock input. All of the SDRAM inputs are sampled on the rising edge
of the clock.
F3
CKE
Input
Active
High
Clock Enable
CKE activates the CLK signal when high and deactivates the CLK signal when
low, thereby initiates either the Power Down mode, Suspend mode, or the Self
Refresh mode.
G9 CS
Input
Active
Low
Chip Select
CS enables the command decoder when low and disables the command
decoder when high. When the command decoder is disabled, new commands
are ignored but previous operations continue.
F8
RAS
Input
Active
Low
Command Inputs
Sampled at the rising edge of the clock, RAS, CAS, and WE (along with CS)
define the command to be executed by the SDRAM.
F7
CAS
F9
WE
G8 BA1
Input
Active
High
Bank Address Inputs
BA0 and BA1 define to which bank an Active, Read, Write or Precharge
command is being applied. BA0 and BA1 also determine if the mode register or
extended mode register is to be accessed during a MRS or EMRS cycle.
G7 BA0
G1 A12
Input
Active
High
Address Inputs
During a Bank Activate command cycle, A12 - A0 define the row address
(RA12 - RA0) when sampled at the rising clock edge.
During a Read or Write command cycle, A8-A0 define the column address
(CA8 - CA0) when sampled at the rising clock edge.
In addition to the column address, A10/AP is used to invoke autoprecharge
operation at the end of the burst read or write cycle. If AP is high, autoprecharge
is selected and BA1, BA0 defines the bank to be precharged. If AP is low,
autoprecharge is disabled.
During a Precharge command cycle, AP is used in conjunction with BA1 and
BA0 to control which bank(s) to precharge. If AP is high, all four banks will be
precharged regardless of the state of BA0 and BA1. If AP is low, then BA1 and
BA0 are used to define which bank to precharge.
G2 A11
H9
A10/AP
G3 A9
H1
A8
H2
A7
H3
A6
J2
A5
J3
A4
J7
A3
J8
A2
H8
A1
H7
A0


Similar Part No. - HYB25L256160AF-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25L256160AF-7.5 INFINEON-HYB25L256160AF-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
logo
Qimonda AG
HYB25L256160AF-7.5 QIMONDA-HYB25L256160AF-7.5 Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
More results

Similar Description - HYB25L256160AF-75

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5S5B6GLF-6 HYNIX-HY5S5B6GLF-6 Datasheet
3Mb / 52P
   256Mbit (16Mx16bit) Mobile SDR Memory
logo
Infineon Technologies A...
HYB25L512160AC INFINEON-HYB25L512160AC Datasheet
1Mb / 50P
   512MBit Mobile-RAM
Rev. 1.3, April 2004
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
   256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Elpida Memory
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Elpida Memory
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL6416CBBH ELPIDA-EDL6416CBBH Datasheet
730Kb / 59P
   64M bits Mobile RAM?
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com