Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39050 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 3 Page - STMicroelectronics

  LD39050 Datasheet HTML 1Page - STMicroelectronics LD39050 Datasheet HTML 2Page - STMicroelectronics LD39050 Datasheet HTML 3Page - STMicroelectronics LD39050 Datasheet HTML 4Page - STMicroelectronics LD39050 Datasheet HTML 5Page - STMicroelectronics LD39050 Datasheet HTML 6Page - STMicroelectronics LD39050 Datasheet HTML 7Page - STMicroelectronics LD39050 Datasheet HTML 8Page - STMicroelectronics LD39050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DocID15470 Rev 3
3/28
LD39050
Diagrams
28
1
Diagrams
Figure 1. Schematic diagram for the LD39050 (adjustable)
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
ADJ
EN
BandGap
reference
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
ADJ
EN
BandGap
reference
Figure 2. Schematic diagram for the LD39050 (fixed output)
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
NC
EN
BandGap
reference
R
1
R
2
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
NC
EN
BandGap
reference
R
1
R
2


Similar Part No. - LD39050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39050PU105R STMICROELECTRONICS-LD39050PU105R Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39050PU10R STMICROELECTRONICS-LD39050PU10R Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39050PU12R STMICROELECTRONICS-LD39050PU12R Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39050PU15R STMICROELECTRONICS-LD39050PU15R Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39050PU18R STMICROELECTRONICS-LD39050PU18R Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
logo
Microchip Technology
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
   500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
logo
ON Semiconductor
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com