Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO721MDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO721MDRG4
Description  Single Channel High-Speed Digital Isolators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721MDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ISO721MDRG4 Datasheet HTML 1Page - Texas Instruments ISO721MDRG4 Datasheet HTML 2Page - Texas Instruments ISO721MDRG4 Datasheet HTML 3Page - Texas Instruments ISO721MDRG4 Datasheet HTML 4Page - Texas Instruments ISO721MDRG4 Datasheet HTML 5Page - Texas Instruments ISO721MDRG4 Datasheet HTML 6Page - Texas Instruments ISO721MDRG4 Datasheet HTML 7Page - Texas Instruments ISO721MDRG4 Datasheet HTML 8Page - Texas Instruments ISO721MDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OUT
GND2
GND1
IN
VCC2
VCC1
Isolation
Capacitor
EN (ISO722/M-only)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ISO721, ISO721M, ISO722, ISO722M
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
ISO72x Single Channel High-Speed Digital Isolators
If this dc-refresh pulse is not received for more than 4
1 Features
μs, the input is assumed to be unpowered or not
1
100 and 150-Mbps Signaling Rate Options
being actively driven, and the failsafe circuit drives
Low Propagation Delay
the output to a logic-high state.
Low Pulse Skew
The symmetry of the dielectric and capacitor within
Low-Power Sleep Mode
the integrated circuitry provides for close capacitive
matching, and allows fast transient voltage changes
High Electromagnetic Immunity
between the input and output grounds without
Low Input-Current Requirement
corrupting the output. The small capacitance and
Failsafe Output
resulting time constant provide for fast operation with
signaling rates from 0 Mbps (DC) to 100 Mbps for the
Drop-In Replacement for Most Opto and Magnetic
ISO721 and the ISO722 devices, and 0 Mbps to 150
Isolators
Mbps with the ISO721M and the ISO722M devices.
Operates from 3.3 V and 5 V Supplies
These devices require two supply voltages of 3.3 V, 5
-40°C to 125°C Operating Temperature Range
V, or any combination. All inputs are 5-V tolerant
50 kV/µs Transient Immunity, Typical
when supplied from a 3.3-V supply and all outputs
Safety and Regulatory Approvals
are 4 mA CMOS.
VDE Basic Insulation with 4000-VPK VIOTM, 560
The ISO722 and ISO722M devices include an active-
VPK VIORM
low output enable that when driven to a high logic
2500 VRMS Isolation per UL 1577
level, places the output in a high-impedance state
and turns off internal bias circuitry to conserve power.
CSA Approved for Component Acceptance
Notice 5A and IEC 60950-1
Both the ISO721 and ISO722 devices have TTL input
thresholds and a noise filter at the input that prevent
2 Applications
transient pulses of up to 2 ns in duration from being
passed to the output of the device.
Industrial Fieldbus
The ISO721M and ISO722M devices have CMOS
Modbus
VCC / 2 input thresholds, but do not have the noise-
Profibus
filter and the additional propagation delay. These
DeviceNet™ Data Buses
features of the ISO721M device also provide for
reduced-jitter operation.
Smart Distributed Systems (SDS™)
Computer Peripheral Interface
The ISO721, ISO721M, ISO722, and ISO722M
devices are characterized for operation over the
Servo Control Interface
ambient temperature range of –40°C to 125°C.
Data Acquisition
Device Information(1)
3 Description
PART NUMBER
PACKAGE
BODY SIZE (NOM)
The ISO721, ISO721M, ISO722, and ISO722M are
ISO721
SOP (8)
9.50mm x 6.57mm
digital isolators with a logic input and output buffer
ISO721
separated by a silicon dioxide (SiO2) insulation
ISO721M
barrier. This barrier provides galvanic isolation of up
SOIC (8)
4.90mm x 3.91mm
to 4000 VPK per VDE. Used in conjunction with
ISO722
isolated power supplies, these devices prevent noise
ISO722M
currents on a data bus or other circuits from entering
(1) For all available packages, see the orderable addendum at
the local ground, and interfering with or damaging
the end of the datasheet.
sensitive circuitry.
A binary input signal is conditioned, translated to a
Simplified Schematic
balanced signal, then differentiated by the capacitive
isolation barrier. Across the isolation barrier, a
differential comparator receives the logic transition
information, then sets or resets a flip-flop and the
output circuit accordingly. A periodic update pulse is
sent across the barrier to ensure the proper dc level
of the output.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO721MDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO721MDRG4 TI-ISO721MDRG4 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721MDRG4 TI1-ISO721MDRG4 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
More results

Similar Description - ISO721MDRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com