Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D512160AT-6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB25D512160AT-6
Description  512Mbit Double Data Rate SDRAM
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D512160AT-6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB25D512160AT-6 Datasheet HTML 2Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 3Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 4Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D512160AT-6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
HYB25D512[16/40/80]0AT–[6/7/7F]
Overview
Data Sheet
6
Rev. 1.0, 2004-03
1
Overview
1.1
Features
Double data rate architecture: two data transfers per clock cycle
Bidirectional data strobe (DQS) is transmitted and received with data, to be used in capturing data at the
receiver
DQS is edge-aligned with data for reads and is center-aligned with data for writes
Differential clock inputs (CK and CK)
Four internal banks for concurrent operation
Data mask (DM) for write data
DLL aligns DQ and DQS transitions with CK transitions
Commands entered on each positive CK edge; data and data mask referenced to both edges of DQS
Burst Lengths: 2, 4, or 8
CAS Latency: (1.5), 2, 2.5, 3
Auto Precharge option for each burst access
Auto Refresh and Self Refresh Modes
•7.8
µs Maximum Average Periodic Refresh Interval
2.5 V (SSTL_2 compatible) I/O
V
DDQ = 2.5 V ± 0.2 V (DDR266A, DDR333)
V
DD = 2.5 V ± 0.2 V (DDR266, DDR333)
P-TSOP66II-1 package
1.2
Description
The 512Mbit Double Data Rate SDRAM is a high-speed CMOS, dynamic random-access memory containing
536,870,912 bits. It is internally configured as a quad-bank DRAM.
The 512Mbit Double Data Rate SDRAM uses a double-data-rate architecture to achieve high-speed operation.
The double data rate architecture is essentially a 2n prefetch architecture with an interface designed to transfer
two data words per clock cycle at the I/O pins. A single read or write access for the 512Mbit Double Data Rate
SDRAM effectively consists of a single 2n-bit wide, one clock cycle data transfer at the internal DRAM core and
two corresponding n-bit wide, one-half-clock-cycle data transfers at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally, along with data, for use in data capture at the receiver.
DQS is a strobe transmitted by the DDR SDRAM during Reads and by the memory controller during Writes. DQS
is edge-aligned with data for Reads and center-aligned with data for Writes.
The 512Mbit Double Data Rate SDRAM operates from a differential clock (CK and CK; the crossing of CK going
HIGH and CK going LOW is referred to as the positive edge of CK). Commands (address and control signals) are
registered at every positive edge of CK. Input data is registered on both edges of DQS, and output data is
referenced to both edges of DQS, as well as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration
Table 1
Performance –6/–7/–7F
Part Number Speed Code
–6–7
-7F
Unit
Speed Grade
Component
DDR333B
DDR266A
DDR266
Module
PC2700–2533
PC2100-2033
PC2100-2022
max. Clock Frequency
@CL3
f
CK3
166
MHz
@CL2.5
f
CK2.5
166
143
143
MHz
@CL2
f
CK2
133
133
133
MHz


Similar Part No. - HYB25D512160AT-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512160BC-5 INFINEON-HYB25D512160BC-5 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Qimonda AG
HYB25D512160BC-5 QIMONDA-HYB25D512160BC-5 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D512160BC-6 INFINEON-HYB25D512160BC-6 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Qimonda AG
HYB25D512160BC-6 QIMONDA-HYB25D512160BC-6 Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D512160BE-5 INFINEON-HYB25D512160BE-5 Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results

Similar Description - HYB25D512160AT-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
List of Unclassifed Man...
VDD7616A4A ETC-VDD7616A4A Datasheet
548Kb / 9P
   DOUBLE DATA RATE SDRAM
logo
A-Data Technology
ADD8616A8A A-DATA-ADD8616A8A Datasheet
545Kb / 9P
   DOUBLE DATA RATE SDRAM
Rev 2 April, 2002
logo
List of Unclassifed Man...
VDD8616A8A ETC1-VDD8616A8A Datasheet
500Kb / 9P
   Double Data Rate SDRAM
logo
Eorex Corporation
EM42CM1684RTA EOREX-EM42CM1684RTA_15 Datasheet
405Kb / 22P
   Double DATA RATE SDRAM
EM42BM3284LBA EOREX-EM42BM3284LBA_15 Datasheet
724Kb / 24P
   Double DATA RATE SDRAM
logo
A-Data Technology
ADD8608A8A A-DATA-ADD8608A8A Datasheet
549Kb / 9P
   Double Data Rate SDRAM
Rev 2 April, 2002
logo
Eorex Corporation
EM42AM1684RTC EOREX-EM42AM1684RTC_15 Datasheet
345Kb / 21P
   Double DATA RATE SDRAM
EM42BM1684RTC EOREX-EM42BM1684RTC_15 Datasheet
474Kb / 23P
   Double DATA RATE SDRAM
EM428M1644RTA EOREX-EM428M1644RTA_15 Datasheet
341Kb / 20P
   Double DATA RATE SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com