Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D256800BT-6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB25D256800BT-6
Description  256-Mbit Double Data Rate SDRAM, Die Rev. B
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D256800BT-6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB25D256800BT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 11Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 12Page - Infineon Technologies AG HYB25D256800BT-6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
HYB25D256[400/800/160]B[T/C](L)
256-Mbit Double Data Rate SDRAM, Die Rev. B
Page 9 of 77
2003-01-09, V1.1
Functional Description
The 256Mb DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 268, 435, 456
bits. The 256Mb DDR SDRAM is internally configured as a quad-bank DRAM.
The 256Mb DDR SDRAM uses a double-data-rate architecture to achieve high-speed operation. The double-
data-rate architecture is essentially a 2n prefetch architecture, with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write access for the 256Mb DDR SDRAM consists of a
single 2n-bit wide, one clock cycle data transfer at the internal DRAM core and two corresponding n-bit wide,
one-half clock cycle data transfers at the I/O pins.
Read and write accesses to the DDR SDRAM are burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a programmed sequence. Accesses begin with the regis-
tration of an Active command, which is then followed by a Read or Write command. The address bits regis-
tered coincident with the Active command are used to select the bank and row to be accessed (BA0, BA1
select the bank; A0-A12 select the row). The address bits registered coincident with the Read or Write com-
mand are used to select the starting column location for the burst access.
Prior to normal operation, the DDR SDRAM must be initialized. The following sections provide detailed infor-
mation covering device initialization, register definition, command descriptions and device operation.
Initialization
DDR SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other
than those specified may result in undefined operation. The following criteria must be met:
No power sequencing is specified during power up or power down given the following criteria:
VDD and VDDQ are driven from a single power converter output AND
VTT meets the specification AND
VREF tracks VDDQ/2
or
The following relationship must be followed:
VDDQ is driven after or with VDD such that VDDQ < VDD + 0.3 V
VTT is driven after or with VDDQ such that VTT < VDDQ + 0.3V
VREF is driven after or with VDDQ such that VREF < VDDQ + 0.3V
The DQ and DQS outputs are in the High-Z state, where they remain until driven in normal operation (by a
read access). After all power supply and reference voltages are stable, and the clock is stable, the DDR
SDRAM requires a 200
ms delay prior to applying an executable command.
Once the 200
ms delay has been satisfied, a Deselect or NOP command should be applied, and CKE should
be brought HIGH. Following the NOP command, a Precharge ALL command should be applied. Next a Mode
Register Set command should be issued for the Extended Mode Register, to enable the DLL, then a Mode
Register Set command should be issued for the Mode Register, to reset the DLL, and to program the operat-
ing parameters. 200 clock cycles are required between the DLL reset and any executable command. During
the 200 cycles of clock for DLL locking, a Deselect or NOP command must be applied. After the 200 clock
cycles, a Precharge ALL command should be applied, placing the device in the “all banks idle” state.
Once in the idle state, two AUTO REFRESH cycles must be performed. Additionally, a Mode Register Set
command for the Mode Register, with the reset DLL bit deactivated (i.e. to program operating parameters
without resetting the DLL) must be performed. Following these cycles, the DDR SDRAM is ready for normal
operation.


Similar Part No. - HYB25D256800BT-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256800BT-6 INFINEON-HYB25D256800BT-6 Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
More results

Similar Description - HYB25D256800BT-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB25DC256163CE-4 QIMONDA-HYB25DC256163CE-4 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com