Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW19NM60N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW19NM60N
Description  Automotive-grade N-channel 600 V, 0.26typ., 13 A MDmesh??II Power MOSFET in a TO-247 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW19NM60N Datasheet(HTML) 4 Page - STMicroelectronics

  STW19NM60N Datasheet HTML 1Page - STMicroelectronics STW19NM60N Datasheet HTML 2Page - STMicroelectronics STW19NM60N Datasheet HTML 3Page - STMicroelectronics STW19NM60N Datasheet HTML 4Page - STMicroelectronics STW19NM60N Datasheet HTML 5Page - STMicroelectronics STW19NM60N Datasheet HTML 6Page - STMicroelectronics STW19NM60N Datasheet HTML 7Page - STMicroelectronics STW19NM60N Datasheet HTML 8Page - STMicroelectronics STW19NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STW19NM60N
4/13
DocID024392 Rev 2
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS= 0
600
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 600 V
1
µA
VDS = 600 V, TJ=125 °C
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±25 V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID=6.5 A
0.260 0.285
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f =1 MHz,
VGS = 0
-
1000
-
pF
Coss
Output capacitance
-
60
-
pF
Crss
Reverse transfer
capacitance
-3
-
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDS.
Output equivalent
capacitance
VDS = 0, to 480 V, VGS=0
-
225
-
pF
Rg
Intrinsic resistance
f=1 MHz open drain
-
3.5
-
Ω
Qg
Total gate charge
VDD = 480 V, ID = 13 A
VGS = 10 V
(see Figure 15)
-35
-
nC
Qgs
Gate-source charge
-
6
-
nC
Qgd
Gate-drain charge
-
20
-
nC


Similar Part No. - STW19NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW19NM60N ISC-STW19NM60N Datasheet
420Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STW19NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STW48NM60N STMICROELECTRONICS-STW48NM60N Datasheet
717Kb / 13P
   N-channel 600 V, 0.055 廓 typ., 44 A MDmesh??II Power MOSFET in a TO-247 package
STW62NM60N STMICROELECTRONICS-STW62NM60N Datasheet
793Kb / 13P
   N-channel 600 V, 0.04 廓 typ., 65 A, MDmesh??II Power MOSFET in a TO-247 package
December 2012 Rev 3
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
   Automotive-grade N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW37N60DM2AG STMICROELECTRONICS-STW37N60DM2AG Datasheet
705Kb / 12P
   Automotive-grade N-channel 600 V, 0.094 廓 typ., 28 A MDmesh??DM2 Power MOSFET in a TO-247 package
August 2015 Rev 1
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
   Automotive-grade N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 1
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
June 2015 Rev 3
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW48N60DM2 STMICROELECTRONICS-STW48N60DM2 Datasheet
723Kb / 12P
   N-channel 600 V, 0.065 廓 typ., 40 A MDmesh??DM2 Power MOSFET in a TO-247 package
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com