Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKSN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSN
Description  Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSN_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSN_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSN_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
240
240
Mid-mount type with height of 1.35mm above the
PC board when installed
Side Push Mid-mount Type with 1.35mm Height (Surface Mount Type)
SKSN
Circuit Arrangement
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ Max
Travel(mm)
0.2
2,500
Japan
Export
Operating force
Operating life
(5mA 5V DC)
Product No.
Product Line
Operating direction
Side push
2.4N
SKSNLAE010
500,000 cycles
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Packing Specifications
Taping
Reel size
Unit:mm
2,500
Minimum order unit(pcs.)
ø380
13.5
1
2
4.8
6.2
2.6
5.9
2
1
5.1
5.8
7
R0.5
0.05
0.3
3.1
6
4.8
6.2
2.6
5.9
2
1
5.1
5.8
7
R0.5
0.05
0.3
3.1
6
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
2,500
25,000
25,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note
Refer to P.259 for soldering conditions.


Similar Part No. - SKSN_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSN ALPS-SKSN Datasheet
1Mb / 1P
   Mid-mount solution with height of 1.35mm above the PCB
SKSN ALPS-SKSN Datasheet
798Kb / 3P
   Soldering of the frame realizes higher solder strength
More results

Similar Description - SKSN_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKTG ALPS-SKTG Datasheet
759Kb / 3P
   1.55mm Height Side Push Mid-mount (Surface Mount Type)
SKSL ALPS-SKSL Datasheet
754Kb / 3P
   Side Push Half-mount Type with 1.6mm Height (Surface Mount Type)
SKSC ALPS-SKSC_15 Datasheet
737Kb / 4P
   1.25mm Height Low-profile Side Push (Surface Mount Type)
SKSN ALPS-SKSN Datasheet
1Mb / 1P
   Mid-mount solution with height of 1.35mm above the PCB
SPEF ALPS-SPEF Datasheet
203Kb / 4P
   Surface Mount Type Push Switch
SKRH ALPS-SKRH Datasheet
177Kb / 3P
   4-direction with Center-push Function (Surface mount type)
SKQLLCE012 ALPS-SKQLLCE012 Datasheet
106Kb / 4P
   1.8 mm Height Side-pushTM (Surface mount type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
   4-direction with Center-push Function (Surface Mount Type)
logo
FCI connector
10057202-R00LF FCI-CONNECTOR-10057202-R00LF Datasheet
213Kb / 3P
   MiniUSB B TYPE RECEPTACLE MID-MOUNT TYPE
logo
Molex Electronics Ltd.
5033981892 MOLEX1-5033981892_19 Datasheet
30Kb / 1P
   1.10mm Pitch microSD Memory Card Connector, Normal Mount Surface Mount, Push-Push Type, 1.28mm Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com