Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T1G160AF-37 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HYB18T1G160AF-37
Description  1 Gbit DDR2 SDRAM
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T1G160AF-37 Datasheet(HTML) 5 Page - Infineon Technologies AG

  HYB18T1G160AF-37 Datasheet HTML 1Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 2Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 3Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 4Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 5Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 6Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 7Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 8Page - Infineon Technologies AG HYB18T1G160AF-37 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
HYB18T1G400/800/160AF
1Gb DDR2 SDRAM
INFINEON Technologies
Page 5
Rev. 1.02
May 2004
1.2.1 x8 Components
1.2.3 x16 Components
Symbol
Function
Symbol
Function
A0~A13
Row Address Inputs
DQS, DQS
Differential Data Strobes
A0~A9
Column Address Inputs
RDQS, RDQS
Differential Read Data Strobes
BA0, BA1, BA2
Bank Address Inputs
VDD
Supply Voltage
A10/AP
Column Address Input
for Auto-Precharge
VSS
Ground
CS
Chip Select
VDDQ
Supply Voltage for DQ
RAS
Row Address Strobe
VSSQ
Ground for DQs
CAS
Column Address Strobe
VDDL
Supply Voltage for DLL
WE
Write Enable
VSSDL
Ground for DLL
DQ0~DQ7
Data Inputs/Outputs (x8)
VREF
Reference Voltage for SSTL
Inputs
CKE
Clock Enable
ODT
On Die Termination Enable
CK, CK
Differential Clock Inputs
NC
Not connected
DM
Data Input Mask
Symbol
Function
Symbol
Function
A0~A12
Row Address Inputs
LDQS,LDQS
UDQS,UDQS
Differential Data Strobes
A0~A9
Column Address Inputs
NC
No Connection (Chip to Pin)
BA0, BA1, BA2
Bank Address Inputs
VDD
Supply Voltage
A10/AP
Column Address Input
for Auto-Precharge
VSS
Ground
CS
Chip Select
VDDQ
Supply Voltage for DQ
RAS
Row Address Strobe
VSSQ
Ground for DQs
CAS
Column Address Strobe
VDDL
Supply Voltage for DLL
WE
Write Enable
VSSDL
Ground for DLL
LDQ0~7, UDQ0~7
Data Inputs/Outputs
VREF
Reference Voltage for SSTL
Inputs
CKE
Clock Enable
ODT
On Die Termination Enable
CK, CK
Differential Clock Inputs
NC
Not connected
LDM, UDM
Data Input Masks


Similar Part No. - HYB18T1G160AF-37

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T1G160BC-2.5 QIMONDA-HYB18T1G160BC-2.5 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-2.5F QIMONDA-HYB18T1G160BC-2.5F Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3 QIMONDA-HYB18T1G160BC-3 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3.7 QIMONDA-HYB18T1G160BC-3.7 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G160BC-3S QIMONDA-HYB18T1G160BC-3S Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYB18T1G160AF-37

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
   1 Gbit SDRAM
logo
Microchip Technology
SAMA5D2 MICROCHIP-SAMA5D2 Datasheet
1Mb / 56P
   SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Qimonda AG
HYB18T1G400BF-2.5F QIMONDA-HYB18T1G400BF-2.5F Datasheet
3Mb / 70P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18T1G400BF QIMONDA-HYB18T1G400BF_07 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G800BF QIMONDA-HYB18TC1G800BF_07 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com