Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKSGPAE010 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSGPAE010
Description  Heavy-operational and equipped with a 1.4mm tall stem and grounding, meeting in-car needs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSGPAE010 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SKSGPAE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSGPAE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSGPAE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKSGPAE010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
259
259
 
TACT SwitchTM Soldering Conditions
1. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at solder joints
 (copper foil surface).
A heat resistive tape should be used to fix thermocouple.
2. Temperature profile
Condition for Reflow
Available for Surface Mount Type.
180
150
260˚C max. 3 sec max.
230˚C
Time
120 sec max.
(pre-heating)
3 to 4min.
Time inside soldering equipment
Temperature (˚C )
40s max.
1. Prevent flux penetration from the top side of the TACT SwitchTM.
2. Switch terminals and a PC board should not be coated with flux prior to soldering.
3. The second soldering should be done after the switch is stable with normal temperature.
4. Use the flux with a specific gravity of min 0.81.
(EC-19S-8 by TAMURA Corporation, or equivalents.)
Notes
1. The above temperature shall be measured of the top of switch. There are cases where the PC board's temperature greatly
differs from that of the switch, depending on the material, size, thickness of PC boards and others.
  The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines.
Prior verification of soldering condition is highly recommended.
Notes
Conditions for Auto-dip
Available for Snap-in Type and Radial Type.
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKHH, SKPD Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 110℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKQJ, SKQK, SKEG Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
45s max.
Soldering temperature
255℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
Manual Soldering
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKHH, SKHW, SKRG, SKPD Series
Items
Condition
Soldering temperature
360℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKTD, SKTG, SKQJ, SKQK, SKEG Series
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
20W max.


Similar Part No. - SKSGPAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSG ALPS-SKSG Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
More results

Similar Description - SKSGPAE010

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EESX911PR1M OMRON-EESX911PR1M Datasheet
756Kb / 9P
   Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
logo
ALPS ELECTRIC CO.,LTD.
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
SKRP ALPS-SKRP_15 Datasheet
845Kb / 3P
   High operation force satisfies the needs in automotive applications. Wide stem & good mountability
logo
List of Unclassifed Man...
BU-11CPN ETC2-BU-11CPN Datasheet
518Kb / 1P
   Heavy duty grounding Clip
logo
BELIMO AIRCONTROLS (USA...
B207 BELIMO-B207 Datasheet
434Kb / 3P
   Stainless Steel Ball and Stem
logo
List of Unclassifed Man...
BU-11APN ETC2-BU-11APN Datasheet
518Kb / 1P
   Heavy duty grounding Clip
BU-11APS ETC2-BU-11APS Datasheet
518Kb / 1P
   Heavy duty grounding Clip
BU-11CPS ETC2-BU-11CPS Datasheet
73Kb / 1P
   Heavy duty grounding Clip
logo
ALPS ELECTRIC CO.,LTD.
SKQM ALPS-SKQM_15 Datasheet
847Kb / 3P
   Tall height (4.3mm and 5.0mm) and surface mount type
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com